| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
P2P2012 bảng dữ liệu(PDF) 8 Page - nVent Electric plc |
|
|
|||||||||||||||||||||||||||||
P2P2012 bảng dữ liệu(HTML) 8 Page - nVent Electric plc |
|
8 / 12 page ![]() PROLINE G2 INtERNaL COmPONENts Panels and accessories PH 763.422.2211 nVent.com/HOFFMAN mOduLaR ENCLOsuRE sOLutIONs 8 Spec-01198 D Standard Product side-mount Partial subpanels Catalog Number H (mm) H (in.) D (mm) D (in.) Fits Frame HxD (mm) Description P2PPSM54 433 17.0 253 10.0 500x400 Painted P2PPSM54G 433 17.0 253 10.0 500x400 Conductive P2PPSM55 433 17.0 353 13.9 500x500 Painted P2PPSM55G 433 17.0 353 13.9 500x500 Conductive P2PPSM56 433 17.0 453 17.8 500x600 Painted P2PPSM56G 433 17.0 453 17.8 500x600 Conductive P2PPSM58 433 17.0 653 25.7 500x800 Painted P2PPSM58G 433 17.0 653 25.7 500x800 Conductive P2PPSM510 433 17.0 853 33.6 500x1000 Painted P2PPSM510G 433 17.0 853 33.6 500x1000 Conductive P2PPSM74 633 24.9 253 10.0 700x400 Painted P2PPSM74G 633 24.9 253 10.0 700x400 Conductive P2PPSM75 633 24.9 353 13.9 700x500 Painted P2PPSM75G 633 24.9 353 13.9 700x500 Conductive P2PPSM76 633 24.9 453 17.8 700x600 Painted P2PPSM76G 633 24.9 453 17.8 700x600 Conductive P2PPSM78 633 24.9 653 25.7 700x800 Painted P2PPSM78G 633 24.9 653 25.7 700x800 Conductive P2PPSM710 633 24.9 853 33.6 700x1000 Painted P2PPSM710G 633 24.9 853 33.6 700x1000 Conductive P2PPSM94 833 32.8 253 10.0 900x400 Painted P2PPSM94G 833 32.8 253 10.0 900x400 Conductive P2PPSM95 833 32.8 353 13.9 900x500 Painted P2PPSM95G 833 32.8 353 13.9 900x500 Conductive P2PPSM96 833 32.8 453 17.8 900x600 Painted P2PPSM96G 833 32.8 453 17.8 900x600 Conductive P2PPSM98 833 32.8 653 25.7 900x800 Painted P2PPSM98G 833 32.8 653 25.7 900x800 Conductive P2PPSM910 833 32.8 853 33.6 900x1000 Painted P2PPSM910G 833 32.8 853 33.6 900x1000 Conductive P2PPSM114 1033 40.7 253 10.0 1100x400 Painted P2PPSM114G 1033 40.7 253 10.0 1100x400 Conductive P2PPSM115 1033 40.7 353 13.9 1100x500 Painted P2PPSM115G 1033 40.7 353 13.9 1100x500 Conductive P2PPSM116 1033 40.7 453 17.8 1100x600 Painted P2PPSM116G 1033 40.7 453 17.8 1100x600 Conductive P2PPSM118 1033 40.7 653 25.7 1100x800 Painted P2PPSM118G 1033 40.7 653 25.7 1100x800 Conductive P2PPSM1110 1033 40.7 853 33.6 1100x1000 Painted P2PPSM1110G 1033 40.7 853 33.6 1100x1000 Conductive |