công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P2P188 bảng dữ liệu(PDF) 6 Page - nVent Electric plc

tên linh kiện P2P188
Giải thích chi tiết về linh kiện  Full Subpanel (Rear or Si de)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NVENT [nVent Electric plc]
Trang chủ  https://www.nvent.com/en-us/
Logo NVENT - nVent Electric plc

P2P188 bảng dữ liệu(HTML) 6 Page - nVent Electric plc

Back Button P2P188 Datasheet HTML 2Page - nVent Electric plc P2P188 Datasheet HTML 3Page - nVent Electric plc P2P188 Datasheet HTML 4Page - nVent Electric plc P2P188 Datasheet HTML 5Page - nVent Electric plc P2P188 Datasheet HTML 6Page - nVent Electric plc P2P188 Datasheet HTML 7Page - nVent Electric plc P2P188 Datasheet HTML 8Page - nVent Electric plc P2P188 Datasheet HTML 9Page - nVent Electric plc P2P188 Datasheet HTML 10Page - nVent Electric plc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
PROLINE G2 INtERNaL COmPONENts Panels and accessories
PH 763.422.2211
nVent.com/HOFFMAN
mOduLaR ENCLOsuRE sOLutIONs
6
Spec-01198 D
PaRtIaL subPaNEL aNd sIdE-mOuNt PaNEL
aPPLICatION
Partial Subpanels can be used on the sides of a modular enclosure
or placed at any depth in 25-mm increments.
FEatuREs
•
12 gauge (2.5mm), mild steel or galvanized steel
•
Flanges on all four sides
sPECIFICatIONs
•
Partial subpanels can be placed in the rearmost position of the
enclosure at any vertical height in 25-mm increments, or placed
at any depth using grid straps (not included)
•
Side-mount partial subpanels can be placed on either side at any
vertical height in 25-mm increments.
•
All necessary mounting hardware is included
FINIsH
•
Painted polyester powder paint; white
•
Custom colors available
Bulletin: p40
P2
Model
PROLINE G2
P
Component
Mounting
Subpanel
G
Specialty
Blank = painted
G
= galvanized
P
Type
Blank = full subpanel
SM
= full, side-mount
J
= joining
P
= partial
PSM = partial,
side-mount
SO
= swing-out
9
Height
mm
11 = 1100
9 = 900
7 = 700
5 = 500
8
Width
mm
12 = 1200
10 = 1000
8 = 800
6 = 600
4 = 400
P2PP98G
Catalog Number
NOTE: Not every combination is
available as a standard product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com