công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MLX71122 bảng dữ liệu(PDF) 4 Page - Melexis Microelectronic Systems

tên linh kiện MLX71122
Giải thích chi tiết về linh kiện  300 to 930MHz FSK/FM/ASK Receiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MELEXIS [Melexis Microelectronic Systems]
Trang chủ  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX71122 bảng dữ liệu(HTML) 4 Page - Melexis Microelectronic Systems

  MLX71122 Datasheet HTML 1Page - Melexis Microelectronic Systems MLX71122 Datasheet HTML 2Page - Melexis Microelectronic Systems MLX71122 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX71122 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX71122 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX71122 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX71122 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX71122 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX71122 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
PR
EL
IM
INA
RY
MLX71122
300 to 930MHz
FSK/FM/ASK Receiver
39010 71122
Page 4 of 44
Data Sheet
Rev. 007
Oct/07
1
Theory of Operation
1.1
General
The MLX71122 receiver architecture is based on a double-conversion super-heterodyne approach. The two
LO signals are derived from an on-chip integer-N PLL frequency synthesizer. The PLL reference frequency
is derived from a crystal (XTAL). The PLL synthesizer consists of an integrated voltage-controlled oscillator
with external inductor, a programmable feedback divider chain, a programmable reference divider, a phase-
frequency detector with a charge pump and an external loop filter.
In the receiver’s down-conversion chain, two mixers MIX1 and MIX2 are driven by the internal local oscillator
signals LO1 and LO2, respectively. The second mixer MIX2 is an image-reject mixer. As the first
intermediate frequency (IF1) is very high (typically above 100 MHz), a reasonably high degree of image
rejection is provided even without using an RF front-end filter. At applications asking for very high image
rejections, cost-efficient RF front-end filtering can be realized by using a SAW filter in front of the LNA.
The receiver signal chain is set up by a low noise amplifier (LNA), two down-conversion mixers (MIX1 and
MIX2), an on-chip IF filter (IFF) as well as an IF amplifier (IFA). By choosing the required modulation via an
FSK/ASK switch (at pin MODSEL), either the on-chip FSK demodulator (FSK DEMOD) or the RSSI-based
ASK detector is selected. A second order data filter (OA1) and a data slicer (OA2) follow the demodulator.
The data slicer threshold can be generated from the mean-value of the data stream or by means of the
positive and negative peak detectors (PKDET+/-).
In general the MLX71122 can be set to shut-down mode, where all receiver functions are completely turned
off, and to several other operating modes. There are two global operating modes that are selectable via the
logic level at pin SPISEL:
8-channel preconfigured mode (ABC mode)
fully programmable mode (SPI mode).
In ABC mode the number of frequency channels is limited to eight but no microcontroller programming is
required. In this case the three lines of the serial programming interface (SPI) are used to select one of the
eight predefined frequency channels via simple 3-bit parallel programming. Pins ENRX and MODSEL are
used to enable/disable the receiver and to select FSK or ASK demodulation, respectively.
SPI mode is recommended for full programming flexibility. In this case the three lines of the SPI are
configured as a standard 3-wire bus (SDEN, SDTA and SCLK). This allows changing many parameters of
the
receiver, for example more operating modes, channels, frequency resolutions, gains, demodulation types,
data slicer settings and more. The pin MODSEL has no effect in this mode.
1.2
Technical Data Overview
!
Input frequency ranges: 300 to 930MHz
!
Power supply range: 3.0 to 5.5V
!
Temperature range: -40 to +105°C
!
Shutdown current: 50nA
!
Operating current: 12.5mA (typ.)
!
FSK input sensitivity: -107dBm (typ.)
!
ASK input sensitivity: -112dBm (typ.)
!
Internal IF2: 2MHz with 230kHz 3dB bandwidth
!
Maximum data rate: 100kbps NRZ code,
50kbps bi-phase code
!
Minimum frequency resolution: 10kHz
!
Total image rejection: > 65dB (with external
RF front-end filter)
!
FSK/FM deviation range: ±10 to ±50kHz
!
Spurious emission: < -70dBm
!
Linear RSSI range: > 50dB
!
FSK input frequency acceptance range:
180kHz (3dB sensitivity loss)
!
Crystal reference frequency: 10MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com