công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISB35279 bảng dữ liệu(PDF) 11 Page - STMicroelectronics

tên linh kiện ISB35279
Giải thích chi tiết về linh kiện  HCMOS STRUCTURED ARRAY
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISB35279 bảng dữ liệu(HTML) 11 Page - STMicroelectronics

Back Button ISB35279 Datasheet HTML 7Page - STMicroelectronics ISB35279 Datasheet HTML 8Page - STMicroelectronics ISB35279 Datasheet HTML 9Page - STMicroelectronics ISB35279 Datasheet HTML 10Page - STMicroelectronics ISB35279 Datasheet HTML 11Page - STMicroelectronics ISB35279 Datasheet HTML 12Page - STMicroelectronics ISB35279 Datasheet HTML 13Page - STMicroelectronics ISB35279 Datasheet HTML 14Page - STMicroelectronics ISB35279 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
DESIGN ENVIRONMENT
Several interface levels are possible between SGS-
THOMSON and the customer in the undertaking of
an ASIC design. The four levels of interface are
shown in Figure 7. Level 1 is characterized by
SGS-THOMSON receiving the system specification
and taking the design through to validation and
fabrication. At level 2 interface the designer sup-
plies a complete logic design implemented in a
standard generic logic family. SGS-THOMSON
then takes the design through to layout, validation
and fabrication.
Level 3 is the most common and preferred interface
level. Logic capture and pre-layout simulation are
performed by the designer using an SGS-THOM-
SON supported design kit. The design is then taken
through layout, validation and fabrication by SGS-
THOMSON.
The SGS-THOMSON design system validates all
designs before fabrication. Design kits areprovided
that allow schematic capture entry via Mentor
Graphics and Cadence Amadeus. Simulation is
supported on Cadence Amadeus and Mentor
Graphics. Full support is also provided for Cadence
Verilog, Synopsys VSS and System Hilo simula-
tors. Figure 8 shows the SGS-THOMSON Design
Flow.
CUSTOMER
CUSTOMER
LEVEL 1
LEVEL 4
LEVEL 2
LEVEL 3
CUSTOMER
SYSTEM
SYSTEM
SPECIFICATION
LOGIC
DESIGN
SCHEMATIC
CAPTURE
DESIGN
VERIFICATION
PRE-LAYOUT
SIMULATION
POST-LAYOUT
SIMULATION
MANUFACTURE
AND TEST
CUSTOMER
LAYOUT
ISB35_VC
Figure 7. Customer/SGS-THOMSON Interface Levels
ISB35000 SERIES
11/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com