công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P098CF bảng dữ liệu(PDF) 1 Page - TT Electronics.

tên linh kiện P098CF
Giải thích chi tiết về linh kiện  Panel Potentiometer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TTELEC [TT Electronics.]
Trang chủ  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

P098CF bảng dữ liệu(HTML) 1 Page - TT Electronics.

  P098CF Datasheet HTML 1Page - TT Electronics. P098CF Datasheet HTML 2Page - TT Electronics. P098CF Datasheet HTML 3Page - TT Electronics. P098CF Datasheet HTML 4Page - TT Electronics. P098CF Datasheet HTML 5Page - TT Electronics. P098CF Datasheet HTML 6Page - TT Electronics. P098CF Datasheet HTML 7Page - TT Electronics. P098CF Datasheet HTML 8Page - TT Electronics. P098CF Datasheet HTML 9Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Panel Potentiometer
Model P09x Series
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics | BI Technologies
413 Rood RD, Suite 7
Calexico, CA 92231
Ph: + 1 (714) 447-2345
www.ttelectronics.com
Rev - 04/2021 Page 1
Description:
9mm Rotary Potentiometer, with metal shaft and bushing.
Options include audio and linear tapers; knurled, flatted and
slotted shafts.
Applications:
•
Audio / video equipment / Amplifiers / Mixers
•
TV and multimedia sound systems / Portable electronics
Model Styles Available:
•
Side Adjust, 1 to 8 gangs
P09xN
•
Side Adjust, 1 to 4 gangs, w/Rotary switch
P09xS
•
Side Adjust, 1 to 4 gangs, w/Momentary switch P09xM
•
Top Adjust, 1 or 2 gangs
P09x5N
•
Side Adjust, with Push-Lock, 1 or 2 gangs
P09xP
•
With Concentric shaft, 2 to 4 gangs
P09xC
•
With Centre Tap, 2 gangs only
P09xT
Features:
•
Multi-ganged—up to 8 gangs
•
Excellent 100,000 cycles life
•
Rotary and Momentary Switch options
•
Push-lock options
•
Concentric shaft option
•
Centre tap option
•
PCB pins
Electrical Characteristics
TA = 25ᵒC unless otherwise noted
Resistance Range
1KΩ to 1MΩ
Standard Resistance Tolerance
± 20%
Residual Resistance
20 ohms max
Resistance Taper
Audio (10A, 15A, 15C), Linear (1B) - see note 3
Maximum Operating Voltage
50Vac
Rated Power
Linear Taper B: 0.05W
Other Tapers: 0.025W
Dielectric Strength
300 Vac , 1 minute
Rotational Noise
100mV max
Insulation Resistance
>100M ohms at 250 Vdc
Gang Error (Multi-ganged)
-40dB to 0dB, ±3dB


Số phần tương tự - P098CF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
TT Electronics.
P098 TTELEC-P098 Datasheet
851Kb / 10P
Panel Potentiometer
02/2021
P098N TTELEC-P098N Datasheet
851Kb / 10P
Panel Potentiometer
02/2021
More results

Mô tả tương tự - P098CF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
PE60 VISHAY-PE60 Datasheet
123Kb / 5P
Power Panel Potentiometer
05-Jun-08
logo
TT Electronics.
P08X TTELEC-P08X Datasheet
1Mb / 7P
Panel Potentiometer
P09X TTELEC-P09X Datasheet
976Kb / 6P
Panel Potentiometer
P090 TTELEC-P090 Datasheet
546Kb / 3P
Panel Potentiometer
P110 TTELEC-P110 Datasheet
629Kb / 4P
Panel Potentiometer
logo
Vishay Siliconix
PE60 VISHAY-PE60_17 Datasheet
120Kb / 5P
Power Panel 6 W Potentiometer
04-Jul-17
logo
CTS Corporation
09VR CTS-09VR Datasheet
1Mb / 7P
9mm Panel Potentiometer
11VR CTS-11VR Datasheet
1Mb / 8P
11mm Panel Potentiometer
14VR CTS-14VR Datasheet
922Kb / 5P
14mm Panel Potentiometer
logo
Vishay Siliconix
PE60 VISHAY-PE60_V01 Datasheet
758Kb / 5P
Power Panel 6 W Potentiometer
12-Dec-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com