công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PS0100 bảng dữ liệu(PDF) 4 Page - Power IC Ltd.

tên linh kiện PS0100
Giải thích chi tiết về linh kiện  600mA Synchronous Boost Converter with Output Disconnect
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PICSEMI [Power IC Ltd.]
Trang chủ  
Logo PICSEMI - Power IC Ltd.

PS0100 bảng dữ liệu(HTML) 4 Page - Power IC Ltd.

  PS0100 Datasheet HTML 1Page - Power IC Ltd. PS0100 Datasheet HTML 2Page - Power IC Ltd. PS0100 Datasheet HTML 3Page - Power IC Ltd. PS0100 Datasheet HTML 4Page - Power IC Ltd. PS0100 Datasheet HTML 5Page - Power IC Ltd. PS0100 Datasheet HTML 6Page - Power IC Ltd. PS0100 Datasheet HTML 7Page - Power IC Ltd. PS0100 Datasheet HTML 8Page - Power IC Ltd. PS0100 Datasheet HTML 9Page - Power IC Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
PS0100
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
V
DC Supply Voltage at Pin 6
-0.3 to 6.0
V
IN
July 2007
www.picsemi.com
© 2007 Power IC. All Rights Reserved.
4
SW Voltage - DC
-0.3 to 6.0
V
VSW
SW Voltage–Pulsed (<100nS)
-0.3 to 7.0
V
V
SHUTB Voltage
-0.3 to 6.0
V
SHUTB
V
FB Voltage
-0.3 to 6.0
V
FB
V
Output Voltage
-0.3 to 6.0
V
OUT
ISW, I
I
Switch Current
0 to 1A
A
OUT, GND
T
Storage Temperature Range
-65 to +125
°C
STG
R
Thermal Resistance, Junction-To-Air
N/A
°C/W
θJA
T
Operating Temperature Range (Note 4)
-40 to +85
°C
A, MAX
T
Lead Temperature (Soldering, 10sec)
260
°C
L
ESD
ESD Capability, HBM model
2.0
KV
ELECTRICAL CHARACTERISTICS
(All specifications are at T = 25
°C, V = 1.5V, V
= 3.3V, V
= 1.5V, unless otherwise specified.)
A
IN
OUT
SHUTB
Parameter
Conditions
Min
Typ
Max
Unit
Minimum Start-Up Voltage
No load
0.8
0.95
V
Note 1
0.5
V
Minimum Operating Voltage
Note 2
4.4
V
Maximum Input Operating
Voltage
Note 3
2.5
5.0
V
Output Voltage Adjust Range
= -40
°C to 85°C (Note 4)
0.97
1.0
1.03
V
T
Feedback Voltage
A
= 1.2V
1
nA
V
Feedback Input Current
FB
Load Regulation
ILOAD = 10mA to 100mA
2.2
%
= 1.2V, measured at VOUT
250
420
µA
V
Quiescent Current
FB
(No-Switching)
= 0V, V
Quiescent Current (Shut-down)
VSHUTB
OUT = 0V, including
switch leakage
0.01
1
µA
= 3.3V
0.45
Ω
V
NMOS Switch On Resistance
OUT
= 3.3V
0.6
Ω
V
PMOS Switch On Resistance
OUT
600
mA
NMOS Current Limit
50
mA
PMOS Turn-Off Current
100
nS
Current Limit Delay to Output
0.13
µS
Minimum Off-Time
= 0.5V
0.6
0.95
1.4
µS
V
Maximum On-Time
IN
= 0.95V, V
= 0.5V,
V
4
7.3
Maximum On-Time to Minimum
Off-Time Ratio
FB
IN
T = -40
°C to 85°C (Note 4)
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com