công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SP1R10QL bảng dữ liệu(PDF) 2 Page - TE Connectivity Ltd

tên linh kiện SP1R10QL
Giải thích chi tiết về linh kiện  SMD Precision Current Sense Resistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TEC [TE Connectivity Ltd]
Trang chủ  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

SP1R10QL bảng dữ liệu(HTML) 2 Page - TE Connectivity Ltd

  SP1R10QL Datasheet HTML 1Page - TE Connectivity Ltd SP1R10QL Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dimensions
Size
Length
Width
Height
Stand Off
Pad Width
Pad Length
(L)
(W)
(H)
(S)
(PW)
(PL)
S 1/2
5.46
3.18
2.54
n/a
1.27
1.02
S1
6.48
3.81
2.84
0.50
1.27
1.25
S2
12.14
5.84
5.33
0.50
2.54
2.54
S3
15.24
7.00
6.48
0.50
2.29
1.27
PL
S
L
W
H
PW
.006 FLAT LEAD THICKNESS
Type
H
J
X
Y
S 1/2
1.91
4.45
1.78
2.54
S1
3.43
5.97
2.03
2.54
S2
6.98
10.54
3.05
3.56
S3
10.42
14.78
2.80
3.56
Land Pattern
S
L
1
1R0
J
T
Common Part
L - Low Ohmic
P - Power
U - Precision
Resistor Type
Case Size
S - Standard
Part
1/2 - 5.5 x 3.2
1 - 6.5 x 3.8
2 - 12.1 x 5.9
3 - 15.3 x 7.0
Resistance Value
K ±10%
J ±5%
E ±3%
F ±1%
D ±0.5%
C ±0.25%
B ±0.1%
A ±0.05%
Q ±0.02%
T ±0.01%
Z ±0.005%
Absolute Tol.
at +25°C
Pack Style
0.1 Ohm
(100 milli ohms)
R10
1 Ohm
(1000 milli ohms)
1R0
1K Ohm
(1000 Ohms)
1K0
L - Loose Piece
T - 7” Reel
R - 13” Reel
How to Order
Cleaning Conditions
After soldering use cleaning solvents such as chlorosen, dyefreon, suitable aqueous or
semi aqueous cleaner.
Storage
To prevent damage to the electrode, be sure to observe the following cautions for storage.
• Store in 40°C maximum ambient temperature, and 70% maximum R.H.
• For maximum possible shelf life do not disturb polythene sleeve until you are ready to use.
• Store where there are no harmful gases containing sulphur or chlorine.
Y
X
H
Y
SMD Precision Current Sense Resistor
Type S Series
Literature No. 1773276
Issued: 03-08
Dimensions are shown for
reference purposes only.
Dimensions are in
millimetres unless
otherwise specified.
Specifications subject to
change.
tycoelectronics.com
passives.tycoelectronics.com



Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com