công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P0945CE bảng dữ liệu(PDF) 2 Page - TT Electronics.

tên linh kiện P0945CE
Giải thích chi tiết về linh kiện  Panel Potentiometer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TTELEC [TT Electronics.]
Trang chủ  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

P0945CE bảng dữ liệu(HTML) 2 Page - TT Electronics.

  P0945CE Datasheet HTML 1Page - TT Electronics. P0945CE Datasheet HTML 2Page - TT Electronics. P0945CE Datasheet HTML 3Page - TT Electronics. P0945CE Datasheet HTML 4Page - TT Electronics. P0945CE Datasheet HTML 5Page - TT Electronics. P0945CE Datasheet HTML 6Page - TT Electronics. P0945CE Datasheet HTML 7Page - TT Electronics. P0945CE Datasheet HTML 8Page - TT Electronics. P0945CE Datasheet HTML 9Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Panel Potentiometer
Model P09x Series
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics | BI Technologies
413 Rood RD, Suite 7
Calexico, CA 92231
Ph: + 1 (714) 447-2345
www.ttelectronics.com
Rev - 04/2021 Page 2
Mechanical Characteristics
TA = 25ᵒC unless otherwise noted
Environmental Characteristics
TA = 25ᵒC unless otherwise noted
Operating Temperature
-10°C to 70°C
IP Rating
IP50
Soldering Condition
Compatible with Industry standard soldering processes:
Manual: SAC 270 °C max. for 3 seconds.
Wave: SAC 260 °C max. for 5 seconds.
RoHS
Please refer to TT Electronics Website
REACH
Please refer to TT Electronics Website
Mechanical Travel (Rotational angle)
300° ± 10°
Rotational Torque
35 to 90 gf.cm
Rotational Stop Strength, Minimum
3.0kgf.cm
Shaft Pull Strength, Minimum
6.0 kgf
Detent Torque
50 to 200 gf.cm
Nut Tightening Strength, Minimum
8.0 kgf
Rotational Life
100,000 cycles
Switch Circuit
SPST
Contact Resistance
<100mohms
Rated Power
3.0A at 16Vdc
Switch Life
15,000 cycles min.
TA = 25ᵒC unless otherwise noted
Switch Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com