| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PEX2S953 bảng dữ liệu(PDF) 1 Page - StarTech.com Ltd. |
|
|
|||||||||||||||||||||||||||||
PEX2S953 bảng dữ liệu(HTML) 1 Page - StarTech.com Ltd. |
|
1 / 5 page ![]() 2-Port PCI Express RS232 Serial Adapter Card - 16950 UART - 256-byte FIFO Cache - ASIX AX99100 - Full Profile Bracket - Replacement for PEX2S952 (PEX2S953) Product ID: PEX2S953 This multiport PCI Express RS232 serial adapter card lets you add two RS232 (DB9) serial ports to your computer through a PCI Express (PCIe) slot, as if they were native serial ports. The dual port PCIe serial card enables you to interact with serial devices, such as card readers, printers, PIN pads, and modems, at speeds of up to 921.6Kbps. Maximum Compatibility With broad OS support, including for Windows and Linux, this 2 port PCI E serial card is easy to integrate into mixed environments. The card comes pre-configured with a full-profile bracket, and includes optional low-profile brackets, so installation is easy regardless of the case form factor. This card is a direct replacement for PEX2S952. www.startech.com 1 800 265 1844 |
Số phần tương tự - PEX2S953 |
|
Mô tả tương tự - PEX2S953 |