công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CMF65 bảng dữ liệu(PDF) 1 Page - Vishay Siliconix

tên linh kiện CMF65
Giải thích chi tiết về linh kiện  Metal Film Resistors, Axial, Military, MIL-R-10509 Qualified, Precision, Type RN and MIL-PRF-22684 Qualified, Type RL
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CMF65 bảng dữ liệu(HTML) 1 Page - Vishay Siliconix

  CMF65 Datasheet HTML 1Page - Vishay Siliconix CMF65 Datasheet HTML 2Page - Vishay Siliconix CMF65 Datasheet HTML 3Page - Vishay Siliconix CMF65 Datasheet HTML 4Page - Vishay Siliconix CMF65 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CMF (Military RN and RL)
www.vishay.com
Vishay Dale
Revision: 02-Feb-2022
1
Document Number: 31027
For technical questions, contact: ff2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Metal Film Resistors, Axial, Military, MIL-R-10509 Qualified,
Precision, Type RN and MIL-PRF-22684 Qualified, Type RL
FEATURES
• Very low noise (-40 dB)
• Very low voltage coefficient (5 ppm/V)
• Controlled temperature coefficient
• Flame retardant epoxy coating
• Commercial alternatives to military styles are available
with higher power ratings. See CMF Industrial data sheet:
(www.vishay.com/doc?31018)
Notes
(1) Continuous working voltage shall be
or maximum working voltage, whichever is less.
(2) Formerly rated at 1 W and is the direct replacement for RN70 of MIL-R-10509 rev. D.
(3) Tolerances of ± 0.1 %, ± 0.25 % and ± 0.5 % are not applicable to characteristic D.
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL
MIL
STYLE
MIL
SPEC.
SHEET
POWER
RATING
P70 °C
W
POWER
RATING
P125 °C
W
MAX.
WORKING
VOLTAGE (1)
V
RESISTANCE
RANGE
Ω
MIL-R-10509
± 100 ppm/°C
(D)
RESISTANCE
RANGE
Ω
MIL-R-10509
± 50 ppm/°C
(C)
RESISTANCE
RANGE
Ω
MIL-R-10509
± 25 ppm/°C
(E)
RESISTANCE
RANGE
Ω
MIL-PRF-22684
TOL. (3)
± %
DIELECTRIC
STRENGTH
VAC
CMF50
RN50
08
-
0.05
200
-
10 to 100K
10 to 100K
-
0.1, 0.25,
0.5, 1
450
CMF55
RN55
07
0.125
0.10
200
10 to 301K
49.9 to 100K
49.9 to 100K
-
0.1, 0.25,
0.5, 1
450
CMF60
RN60
01
0.25
0.125
300
10 to 1M
49.9 to 499K
49.9 to 499K
-
0.1, 0.25,
0.5, 1
500
CMF65
RN65
02
0.50
0.25
350
10 to 2M
49.9 to 1M
49.9 to 1M
-
0.1, 0.25,
0.5, 1
900
CMF70
RN70
03
0.75 (2)
0.50
500
10 to 2.49M
24.9 to 1M
24.9 to 1M
-
0.1, 0.25,
0.5, 1
900
CMF07
RL07
01
0.25
-
250
-
-
-
51 to 150K
2, 5
450
CMF20
RL20
02
0.50
-
350
-
-
-
4.3 to 470K
2, 5
700
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
CONDITION
Voltage Coefficient
ppm/V
5 when measured between 10 % and full rated voltage
Insulation Resistance
Ω≥ 1010 min. dry; ≥ 108 min. after moisture test
Operating Temperature Range
°C
-65/+175 (see derating curves for military range)
Terminal Strength
Ib
5 pound pull test for RL07/RL20; 2 pound pull test for all others
Solderability
Continuous satisfactory coverage when tested in accordance
with MIL-R-10509 and MIL-PRF-22684
P x R


Số phần tương tự - CMF65

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
CMF65 VISHAY-CMF65 Datasheet
160Kb / 5P
Metal Film Resistors
28-Aug-06
logo
Bourns Electronic Solut...
CMF65 BOURNS-CMF65 Datasheet
167Kb / 5P
Metal Film Resistors, Industrial, Precision
logo
Vishay Siliconix
CMF65 VISHAY-CMF65 Datasheet
154Kb / 5P
Metal Film Resistors, Military, MIL-R-10509 Qualified, Precision, Type RN and MIL-PRF-22684 Qualified, Type RL
02-May-13
logo
Bourns Electronic Solut...
CMF65221K00FKEB BOURNS-CMF65221K00FKEB Datasheet
167Kb / 5P
Metal Film Resistors, Industrial, Precision
More results

Mô tả tương tự - CMF65

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
RN60D3483FR36 VISHAY-RN60D3483FR36 Datasheet
160Kb / 5P
Metal Film Resistors, Military MIL-R-10509 Qualified, Type RN and MIL-PRF-22684 Qualified, Type RL
28-Aug-06
RN55E1002BR36 VISHAY-RN55E1002BR36 Datasheet
158Kb / 5P
Metal Film Resistors, Military, MIL-R-10509 Qualified, Precision, Type RN and MIL-PRF-22684 Qualified, Type RL
11-Mar-10
RLR07C1500GR VISHAY-RLR07C1500GR Datasheet
151Kb / 4P
Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
19-Nov-12
ERL VISHAY-ERL Datasheet
151Kb / 4P
Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
19-Nov-12
RN50C1501FB14 VISHAY-RN50C1501FB14 Datasheet
154Kb / 5P
Metal Film Resistors, Military, MIL-R-10509 Qualified
02-May-13
RLR05C475 VISHAY-RLR05C475 Datasheet
152Kb / 4P
Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
11-Nov-13
RN55D2742F VISHAY-RN55D2742F Datasheet
154Kb / 5P
Metal Film Resistors, Military, MIL-R-10509 Qualified, Precision, Type RN and MIL-PRF-22684 Qualified, Type RL
02-May-13
RN55D5621F VISHAY-RN55D5621F Datasheet
154Kb / 5P
Metal Film Resistors, Military, MIL-R-10509 Qualified, Precision, Type RN and MIL-PRF-22684 Qualified, Type RL
02-May-13
CMF VISHAY-CMF Datasheet
146Kb / 5P
Metal Film Resistors, Military, MIL-R-10509 Qualified, Precision, Type RN and MIL-PRF-22684 Qualified, Type RL
02-May-13
ERL VISHAY-ERL_15 Datasheet
146Kb / 4P
Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
25-Aug-15
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com