| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IRF520FI bảng dữ liệu(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
IRF520FI bảng dữ liệu(HTML) 2 Page - STMicroelectronics |
|
2 / 9 page ![]() THERMAL DATA TO-220 ISOWATT220 Rthj-case Thermal Resist ance Junct ion-case Max 2.14 4. 29 oC/W Rthj-amb R th c-s Tl Thermal Resist ance Junct ion-ambient Max Thermal Resist ance Case-sink Typ Maximum Lead Temperature For Soldering Purpose 62.5 0.5 300 oC/W oC/W oC AVALANCHE CHARACTERISTICS Symbol Parameter Max Value Uni t IAR Avalanche Current, Repetitive or Not-Repetitive (pulse width limited by Tj max, δ <1%) 10 A EAS Single Pulse Avalanche Energy (st arting Tj =25 oC, ID =IAR,VDD =25 V) 36 mJ EAR Repet itive Avalanche Energy (pulse width limited by Tj max, δ <1%) 9mJ IAR Avalanche Current, Repetitive or Not-Repetitive (T c = 100 oC, pulse width limited by Tj max, δ <1%) 7A ELECTRICAL CHARACTERISTICS (Tcase =25 oC unless otherwise specified) OFF Symbol Parameter Test Condi tions Mi n. Typ. Max. Unit V(BR)DSS Drain-source Breakdown Voltage ID =250 µAVGS = 0 100 V IDSS Zero Gate Volt age Drain Current (VGS =0) VDS =Max Rating VDS = Max Rating x 0.8 Tc =125 oC 250 1000 µA µA IGSS Gate-body Leakage Current (VDS =0) VGS = ± 20 V ± 100 nA ON ( ∗) Symbol Parameter Test Condi tions Mi n. Typ. Max. Unit VGS(th) Gate Threshold Voltage VDS =VGS ID =250 µA2 2.9 4 V RDS(on) St atic Drain-source On Resist ance VGS =10V ID =5 A 0.23 0. 27 Ω ID(on) On St ate Drain Current VDS >ID(on) xRDS(on)max VGS =10 V 10 A DYNAMIC Symbol Parameter Test Condi tions Mi n. Typ. Max. Unit gfs ( ∗)Forward Transconductance VDS >ID(on) xRDS(on)max ID =5 A 2.7 4.5 S Ciss Coss Crss I nput Capacitance Output Capacit ance Reverse Transfer Capacitance VDS = 25V f = 1MHz VGS =0 330 90 25 450 120 40 pF pF pF IRF520/FI 2/9 |