| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AMG150LP bảng dữ liệu(PDF) 6 Page - AEROTECH US. ALL RIGHTS RESERVED. |
|
|
|||||||||||||||||||||||||||||
AMG150LP bảng dữ liệu(HTML) 6 Page - AEROTECH US. ALL RIGHTS RESERVED. |
|
6 / 6 page ![]() 6 www.aerotech.com www.aerotech.com 6 AMG-LP Low Profile Direct-Drive Gimbals AMG100LP AMG100 low-profile direct-drive gimbal AMG150LP AMG150 low-profiledirect-drive gimbal AMG200LP AMG200 low-profile direct-drive gimbal Feedback (Required) -E1 Incremental encoder, 1 Vpp -E2 Incremental encoder, TTL, x5 interpolation -E3 Incremental encoder, TTL, x10 interpolation -E4 Incremental encoder, TTL, x25 Interpolation -E5 Incremental encoder, TTL, x50 Interpolation Metrology (Required) -PL1 Metrology, uncalibrated with performance plots -PL2 Metrology, calibrated (HALAR) wtih performance plots Integration (Required) Aerotech offers both standard and custom integration services to help you get your system fully operational as quickly as possible. The following standard integration options are available for this system. Please consult Aerotech if you are unsure what level of integration is required, or if you desire custom integration support with your system. -TAS Integration - Test as system Testing, integration, and documentation of a group of components as a complete system that will be used together (ex: drive, controller, and stage). This includes parameter file generation, system tuning, and documentation of the system configuration. -TAC Integration - Test as components Testing and integration of individual items as discrete components that ship together. This is typically used for spare parts, replacement parts, or items that will not be used together. These components may or may not be part of a larger system. AMG-LP Series ORDERING INFORMATION |