| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L101S331LF bảng dữ liệu(PDF) 3 Page - TT Electronics. |
|
|
|||||||||||||||||||||||||||||
L101S331LF bảng dữ liệu(HTML) 3 Page - TT Electronics. |
|
3 / 5 page ![]() Outline Dimensions (Inch/mm) Schematics No. of Leads .100 ± .005 2.54 ± 0.13 Pitch. Non- Accumulative .020 ± .004 0.51 ± 0.10 .012 ± .003 0.31 ± 0.08 Centered on Package .140 ± .020 3.56 ± 0.51 Max. “L” Max. Max. 12 34 n -3 Circuit Isolated Resistor s -5 Circuit Dual Terminator 12 34 R1 R2 n 12 34 n -1 Circuit Bussed Resistor s # of Leads 4 5 6 7 8 9 10 11 12 13 14 Dim. “L” Max. .40 10.16 .50 12.70 .60 15.24 .70 17.78 .80 20.32 .90 22.86 1.00 25.40 1.10 27.94 1.20 30.48 1.30 33.02 1.40 35.56 .200 .098 5.08 2.5 01.21 General Note TT Electronics reserves the right to make changes in product specification without notice or liability. All information is subject to TT Electronics’ own data and is considered accurate at time of going to print. © TT Electronics plc www.ttelectronics.com/resistors BI Technologies IRC Welwyn SIL Resistor Network L Series |