công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLV314IDBVT.B bảng dữ liệu(PDF) 13 Page - Texas Instruments

tên linh kiện TLV314IDBVT.B
Giải thích chi tiết về linh kiện  TLVx314 3-MHz, Low-Power, Internal EMI Filter, RRIO, Operational Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

TLV314IDBVT.B bảng dữ liệu(HTML) 13 Page - Texas Instruments

Back Button TLV314IDBVT.B Datasheet HTML 9Page - Texas Instruments TLV314IDBVT.B Datasheet HTML 10Page - Texas Instruments TLV314IDBVT.B Datasheet HTML 11Page - Texas Instruments TLV314IDBVT.B Datasheet HTML 12Page - Texas Instruments TLV314IDBVT.B Datasheet HTML 13Page - Texas Instruments TLV314IDBVT.B Datasheet HTML 14Page - Texas Instruments TLV314IDBVT.B Datasheet HTML 15Page - Texas Instruments TLV314IDBVT.B Datasheet HTML 16Page - Texas Instruments TLV314IDBVT.B Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
Reference
Current
V+
V
IN-
V
IN+
V
(Ground)
-
V
BIAS2
V
BIAS1
Class AB
Control
Circuitry
V
O
13
TLV314, TLV2314, TLV4314
www.ti.com
SBOS754A – MARCH 2016 – REVISED MARCH 2016
Product Folder Links: TLV314 TLV2314 TLV4314
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The TLV314 is a family of low-power, rail-to-rail input and output operational amplifiers specifically designed for
portable applications. These devices operate from 1.8 V to 5.5 V, are unity-gain stable, and suitable for a wide
range of general-purpose applications. The class AB output stage is capable of driving
≤ 10-kΩ loads connected
to any point between V+ and ground. The input common-mode voltage range includes both rails, and allows the
TLV314 series to be used in virtually any single-supply application. Rail-to-rail input and output swing significantly
increases dynamic range, especially in low-supply applications, and makes these devices ideal for driving
sampling analog-to-digital converters (ADCs).
The TLV314 features 3-MHz bandwidth and 1.5-V/
μs slew rate with only 150-μA supply current per channel,
providing good ac performance at very low power consumption. DC applications are also well served with a very
low input noise voltage of 14 nV/
√Hz at 1 kHz, low input bias current (0.2 pA), and an input offset voltage of
0.5 mV (typical).
8.2 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com