công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TPD4F202 bảng dữ liệu(PDF) 9 Page - Texas Instruments

tên linh kiện TPD4F202
Giải thích chi tiết về linh kiện  TPDxF202 Four or Six-Channel EMI Filter With ESD Protection For LCD Display
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

TPD4F202 bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button TPD4F202 Datasheet HTML 5Page - Texas Instruments TPD4F202 Datasheet HTML 6Page - Texas Instruments TPD4F202 Datasheet HTML 7Page - Texas Instruments TPD4F202 Datasheet HTML 8Page - Texas Instruments TPD4F202 Datasheet HTML 9Page - Texas Instruments TPD4F202 Datasheet HTML 10Page - Texas Instruments TPD4F202 Datasheet HTML 11Page - Texas Instruments TPD4F202 Datasheet HTML 12Page - Texas Instruments TPD4F202 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The TPDxF202 family are diode-type TVSs integrated with series resistors and parallel capacitors for filtering
emitted EMI. As a signal passes through the device, higher frequency components are filtered out. This device
also provides a path to ground during ESD events and isolates the protected IC. As the current from ESD
passes through the TVS, only a small voltage drop is present across the diode. This is the voltage presented
to the protected IC. In particular, these filters are ideal for EMI filtering and protecting data lines from ESD at
display, keypad, and memory interfaces.
8.2 Typical Application
GND
TPD6F202
GND
TPD6F202
GND
TPD6F202
R0
R1
R2
R3
R4
R5
G0
G1
G2
G3
G4
G5
B0
B1
B2
B3
B4
B5
A1
C1
D1
F1
G1
J1
J3
G3
A3
C3
D3
F3
A1
C1
D1
F1
G1
J1
J3
G3
A3
C3
D3
F3
A1
C1
D1
F1
G1
J1
J3
G3
A3
C3
D3
F3
B2
E2
H2
B2
E2
H2
B2
E2
H2
Figure 8-1. Display Panel Schematic
www.ti.com
TPD4F202, TPD6F202
SLLS800B – JUNE 2010 – REVISED MAY 2021
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TPD4F202 TPD6F202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com