công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLV314IDBVR bảng dữ liệu(PDF) 8 Page - Texas Instruments

tên linh kiện TLV314IDBVR
Giải thích chi tiết về linh kiện  TLVx314 3-MHz, Low-Power, Internal EMI Filter, RRIO, Operational Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

TLV314IDBVR bảng dữ liệu(HTML) 8 Page - Texas Instruments

Back Button TLV314IDBVR Datasheet HTML 4Page - Texas Instruments TLV314IDBVR Datasheet HTML 5Page - Texas Instruments TLV314IDBVR Datasheet HTML 6Page - Texas Instruments TLV314IDBVR Datasheet HTML 7Page - Texas Instruments TLV314IDBVR Datasheet HTML 8Page - Texas Instruments TLV314IDBVR Datasheet HTML 9Page - Texas Instruments TLV314IDBVR Datasheet HTML 10Page - Texas Instruments TLV314IDBVR Datasheet HTML 11Page - Texas Instruments TLV314IDBVR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
8
TLV314, TLV2314, TLV4314
SBOS754A – MARCH 2016 – REVISED MARCH 2016
www.ti.com
Product Folder Links: TLV314 TLV2314 TLV4314
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Parameters with minimum or maximum specification limits are 100% production tested at 25ºC, unless otherwise noted. Over-
temperature limits are based on characterization and statistical analysis.
(2)
Specified by design and characterization; not production tested.
(3)
Signifies the slower value of the positive or negative slew rate.
(4)
Third-order filter; bandwidth = 80 kHz at –3 dB.
7.7 Electrical Characteristics
VS = 1.8 V to 5.5 V; at TA = 25°C, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and VOUT = VS / 2 (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
VCM = (VS+) – 1.3 V, TA = 25°C
±0.75
±3
mV
dVOS/dT
VOS vs temperature
TA = –40°C to +125°C
2
μV/°C
PSRR
Power-supply rejection ratio
VCM = (VS+) – 1.3 V, TA = 25°C
±30
±135
µV/V
Channel separation, dc
At dc, TA = 25°C
100
dB
INPUT VOLTAGE RANGE
VCM
Common-mode voltage range
TA = 25°C
(V–) – 0.2
(V+) + 0.2
V
CMRR
Common-mode rejection ratio
VS = 5.5 V, (VS–) – 0.2 V < VCM < (VS+) – 1.3 V,
TA = 25°C
72
96
dB
VS = 5.5 V, VCM = –0.2 V to 5.7 V
(2), T
A = 25°C
75
INPUT BIAS CURRENT
IB
Input bias current
TA = 25°C
±1.0
pA
IOS
Input offset current
TA = 25°C
±1.0
pA
NOISE
Input voltage noise (peak-to-peak)
f = 0.1 Hz to 10 Hz, TA = 25°C
5
μVPP
en
Input voltage noise density
f = 10 kHz, TA = 25°C
15
nV/
√Hz
f = 1 kHz, TA = 25°C
16
in
Input current noise density
f = 1 kHz, TA = 25°C
6
fA/
√Hz
INPUT CAPACITANCE
CIN
Input capacitance
Differential
VS = 5 V, TA = 25°C
1
pF
Common-mode
VS = 5 V, TA = 25°C
5
OPEN-LOOP GAIN
AOL
Open-loop voltage gain
VS = 1.8 V to 5.5 V, 0.2 V < VO < (V+) – 0.2 V,
RL = 10 kΩ, TA = 25°C
85
115
dB
VS = 1.8 V to 5.5 V, 0.5 V < VO < (V+) – 0.5 V,
RL = 2 kΩ
(2), T
A = 25°C
85
100
Phase margin
VS = 5 V, G = 1, RL = 10 kΩ, TA = 25°C
65
°
FREQUENCY RESPONSE
GBW
Gain-bandwidth product
VS = 1.8 V, RL = 10 kΩ, CL = 10 pF, TA = 25°C
2.7
MHz
VS = 5 V, RL = 10 kΩ, CL = 10 pF, TA = 25°C
3
SR
Slew rate(3)
VS = 5 V, G = 1, TA = 25°C
1.5
V/
μs
tS
Settling time
To 0.1%, VS = 5 V, 2-V step , G = 1, TA = 25°C
3
μs
Overload recovery time
VS = 5 V, VIN × gain > VS, TA = 25°C
8
μs
THD+N
Total harmonic distortion + noise(4)
VS = 5 V, VO = 1 VRMS, G = 1, f = 1 kHz,
RL = 10 kΩ, TA = 25°C
0.005%
OUTPUT
VO
Voltage output swing from supply rails
VS = 1.8 V to 5.5 V, RL = 10 kΩ, TA = 25°C
5
25
mV
VS = 1.8 V to 5.5 V, RL = 2 kΩ, TA = 25°C
22
45
ISC
Short-circuit current
VS = 5 V, TA = 25°C
±20
mA
RO
Open-loop output impedance
VS = 5.5 V, f = 100 Hz, TA = 25°C
570
Ω
POWER SUPPLY
VS
Specified voltage range
1.8
5.5
V
IQ
Quiescent current per amplifier, over
temperature
VS = 5 V, IO = 0 mA, TA = –40°C to +125°C
150
250
µA
TEMPERATURE
Specified range
–40
125
°C
Tstg
Storage range
–65
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com