| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLVM13630 bảng dữ liệu(PDF) 28 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLVM13630 bảng dữ liệu(HTML) 28 Page - Texas Instruments |
|
28 / 43 page ![]() 8.2.2 Design 2: Inverting Buck-Boost Regulator with a –5-V Output Figure 8-12 shows the schematic diagram of a –5-V inverting buck-boost regulator with a switching frequency of 1 MHz. The input voltage range for the sample design is 12 V to 24 V. PG EN RT PGND AGND VOUT FB VLDOIN VIN PGND VIN CIN2 COUT RFBB TLVM13630 RRT RENT RENB Optional external bias VIN(on) = 8.9 V VCC CIN1 VOUT 2 47 F 13 k 10 k 40.2 k 4.7 F 4.7 F 100 k 604 k RFBT PGND 1 F CVCC VIN = 12 V to 24 V CIN3 10 F VIN+ VIN– –VOUT –VOUT IOUT(max) = –2 A VOUT = –5 V VOUT– –VOUT –VOUT Optional Schottky Diode Figure 8-12. Circuit Schematic 8.2.2.1 Design Requirements For this design example, use the parameters listed in Table 8-3 as the input parameters and follow the design procedures in Section 8.2.2.2. Table 8-3. Design Example Parameters DESIGN PARAMETER VALUE Input voltage 12 to 24 V Output voltage –5 V Output current 0 A to 2 A Switching frequency 1 MHz Table 8-4 gives the selected module power-stage components with availability from multiple vendors. This design uses an all-ceramic output capacitor implementation. Table 8-4. List of Materials for Application Circuit 2 REFERENCE DESIGNATOR QTY SPECIFICATION MANUFACTURER(1) PART NUMBER CIN1, CIN2, CIN3 3 4.7 µF, 50 V, X7R, 1210, ceramic Taiyo Yuden UMK325B7475KN-TR TDK CGA6P3X7R1H475K250AB 4.7 µF, 50 V, X7S, 1206, ceramic Murata GCM31CC71H475KA03K COUT1, COUT2 2 47 µF, 10 V, X7R, 1210, ceramic Murata GRM32ER71A476ME15L AVX 1210ZC476MAT2A CVCC 1 1 µF, 16 V, X7R, 0603, ceramic Murata GCM188R71C105KA64J U1 1 TLVM13630 36-V, 3-A synchronous buck module Texas Instruments TLVM13630RDLR More generally, the TLVM13630 module is designed to operate with a wide range of external components and system parameters. However, the integrated loop compensation is optimized for a certain range of output capacitance. TLVM13630 SLVSFT6B – MAY 2021 – REVISED JANUARY 2022 www.ti.com 28 Submit Document Feedback Copyright © 2022 Texas Instruments Incorporated Product Folder Links: TLVM13630 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |