công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DAC39RFS10 bảng dữ liệu(PDF) 29 Page - Texas Instruments

tên linh kiện DAC39RFS10
Giải thích chi tiết về linh kiện  DDS39RF12 and DDS39RFS12, 12GSPS to 24GSPS, Dual and Single Channel, Multi- Nyquist Direct Digital Synthesizer (DDS)
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RFS10 bảng dữ liệu(HTML) 29 Page - Texas Instruments

Back Button DAC39RFS10 Datasheet HTML 25Page - Texas Instruments DAC39RFS10 Datasheet HTML 26Page - Texas Instruments DAC39RFS10 Datasheet HTML 27Page - Texas Instruments DAC39RFS10 Datasheet HTML 28Page - Texas Instruments DAC39RFS10 Datasheet HTML 29Page - Texas Instruments DAC39RFS10 Datasheet HTML 30Page - Texas Instruments DAC39RFS10 Datasheet HTML 31Page - Texas Instruments DAC39RFS10 Datasheet HTML 32Page - Texas Instruments DAC39RFS10 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 177 page
background image
6.9 Switching Characteristics
Typical values at TA = +25°C, minimum and maximum values over operating free-air temperature range, typical supply
voltages, fCLK = 12 GHz, IFS_SWITCH = 20.5 mA, single tone amplitude = 0 dBFS, Dither and DEM enabled, unless otherwise
noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
JESD204C SERDES INTERFACE 6SRX-/+, 14SRX-/+
fSERDES
SERDES bit rate(4)
.78125
12.8
Gbps
UI
Unit Interval
78.125
1280
ps
LATENCY
TDAC
DAC clock period
1 / fCLK
s
tPD(RX)
Serdes RX analog propagation delay
Serdes RX analog propagation delay
215
ps
tPDI
Input clock rising edge cross-over to
output sample cross-over
Input clock rising edge cross-over to
output sample cross-over
500
ps
tDACLAT
Digital path latency from SYSREF
rising edge to DAC output
See XLS Calculator
tRELEASE
Latency from SYSREF rising edge to
elastic buffer release
See XLS Calculator
tRXIN
Latency from SERDES Input to elastic
buffer release
See XLS Calculator
tTXEN_OUTPUT
TXENABLE rising edge to data output
of DAC
FAST_TX_EN = 0
varies(1)
CLK Cycles
FAST_TX_EN=1 and
QUIET_TX_DISABLE=0
93
FAST_TX_EN=1 and
QUIET_TX_DISABLE=1
133
tTXEN_MUTE
TXENABLE falling edge to DAC output
muted
QUIET_TX_DISABLE=0
93
QUIET_TX_DISABLE=1
133
tTXEN_PW
Required TXENABLE pulse width
FAST_TX_EN = 0(2)
102
FAST_TX_EN = 1(3)
20
SERIAL PROGRAMMING INTERFACE
Fs_c
serial clock frequency
15.625
MHz
Fs_cts
serial clock frequency temp sensor
TS_TEMP register read
1
MHz
tP
serial clock period
64
ns
tPH
serial clock pulse width high
32
ns
tPL
serial clock pulse width low
32
ns
tSU
SDI setup time
30
ns
tH
SDI hold time
3
ns
tIZ
SDI TRI-STATE
3
ns
tODZ
SDO driven to TRI-STATE
200 fF load
5
ns
tOZD
SDO TRI-STATE to driven
200 fF load
3
ns
tOD
SDO output delay
200 fF load
3
ns
tCSS
SCS setup
30
ns
tCSH
SCS hold
3
ns
tRS
RESET setup to serial clock
RESET high
30
ns
tRH
RESET hold to serial clock
RESET high
30
ns
tIAG
Inter-access gap
30
ns
FAST RECONFIGURATION (FR) INTERFACE
FFRCLK
FRCLK frequency
200
MHz
tFRCLK_P
FRCLK period
5
ns
tFRCLK_PH
FRCLK pulse width high
2
ns
www.ti.com
DDS39RF12, DDS39RFS12
SBASB21 – SEPTEMBER 2024
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: DDS39RF12 DDS39RFS12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com