công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CY74FCT162244CTPVC bảng dữ liệu(PDF) 8 Page - Texas Instruments

tên linh kiện CY74FCT162244CTPVC
Giải thích chi tiết về linh kiện  16-Bit Buffers/Line Drivers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

CY74FCT162244CTPVC bảng dữ liệu(HTML) 8 Page - Texas Instruments

Back Button CY74FCT162244CTPVC Datasheet HTML 4Page - Texas Instruments CY74FCT162244CTPVC Datasheet HTML 5Page - Texas Instruments CY74FCT162244CTPVC Datasheet HTML 6Page - Texas Instruments CY74FCT162244CTPVC Datasheet HTML 7Page - Texas Instruments CY74FCT162244CTPVC Datasheet HTML 8Page - Texas Instruments CY74FCT162244CTPVC Datasheet HTML 9Page - Texas Instruments CY74FCT162244CTPVC Datasheet HTML 10Page - Texas Instruments CY74FCT162244CTPVC Datasheet HTML 11Page - Texas Instruments CY74FCT162244CTPVC Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
11-Nov-2025
PACKAGING INFORMATION
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
74FCT162244ATPACT
Obsolete
Production
TSSOP (DGG) | 48
-
-
Call TI
Call TI
-40 to 85
FCT162244A
74FCT162244ATPVCT
Obsolete
Production
SSOP (DL) | 48
-
-
Call TI
Call TI
-40 to 85
FCT162244A
74FCT162244CTPACT
Obsolete
Production
TSSOP (DGG) | 48
-
-
Call TI
Call TI
-40 to 85
FCT162244C
CY74FCT162244CTPVC
Obsolete
Production
SSOP (DL) | 48
-
-
Call TI
Call TI
-40 to 85
FCT162244C
CY74FCT162244TPVC
Obsolete
Production
SSOP (DL) | 48
-
-
Call TI
Call TI
-40 to 85
FCT162244
CY74FCT162244TPVCT
Obsolete
Production
SSOP (DL) | 48
-
-
Call TI
Call TI
-40 to 85
FCT162244
CY74FCT16244ATPACT
Obsolete
Production
TSSOP (DGG) | 48
-
-
Call TI
Call TI
-40 to 85
FCT16244A
CY74FCT16244CTPACT
Obsolete
Production
TSSOP (DGG) | 48
-
-
Call TI
Call TI
-40 to 85
FCT16244C
CY74FCT16244CTPVC
Obsolete
Production
SSOP (DL) | 48
-
-
Call TI
Call TI
-40 to 85
FCT16244C
CY74FCT16244TPACT
Obsolete
Production
TSSOP (DGG) | 48
-
-
Call TI
Call TI
-40 to 85
FCT16244
CY74FCT16244TPVC
Obsolete
Production
SSOP (DL) | 48
-
-
Call TI
Call TI
-40 to 85
FCT16244
CY74FCT16244TPVCT
Obsolete
Production
SSOP (DL) | 48
-
-
Call TI
Call TI
-40 to 85
FCT16244
(1) Status: For more details on status, see our product life cycle.
(2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance,
reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional
waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind.
(3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition.
(4) Lead finish/Ball material: Parts may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead finish/Ball material values may wrap to two lines if the finish value exceeds the maximum
column width.
(5) MSL rating/Peak reflow: The moisture sensitivity level ratings and peak solder (reflow) temperatures. In the event that a part has multiple moisture sensitivity ratings, only the lowest level per JEDEC standards is shown.
Refer to the shipping label for the actual reflow temperature that will be used to mount the part to the printed circuit board.
(6) Part marking: There may be an additional marking, which relates to the logo, the lot trace code information, or the environmental category of the part.
Multiple part markings will be inside parentheses. Only one part marking contained in parentheses and separated by a "~" will appear on a part. If a line is indented then it is a continuation of the previous line and the two
combined represent the entire part marking for that device.
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com