công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CC115LRGPR.B bảng dữ liệu(PDF) 32 Page - Texas Instruments

tên linh kiện CC115LRGPR.B
Giải thích chi tiết về linh kiện  CC115L Value Line Transmitter
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

CC115LRGPR.B bảng dữ liệu(HTML) 32 Page - Texas Instruments

Back Button CC115LRGPR.B Datasheet HTML 28Page - Texas Instruments CC115LRGPR.B Datasheet HTML 29Page - Texas Instruments CC115LRGPR.B Datasheet HTML 30Page - Texas Instruments CC115LRGPR.B Datasheet HTML 31Page - Texas Instruments CC115LRGPR.B Datasheet HTML 32Page - Texas Instruments CC115LRGPR.B Datasheet HTML 33Page - Texas Instruments CC115LRGPR.B Datasheet HTML 34Page - Texas Instruments CC115LRGPR.B Datasheet HTML 35Page - Texas Instruments CC115LRGPR.B Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 74 page
background image
CC115L
SWRS105B – MAY 2011 – REVISED JUNE 2014
www.ti.com
5.11 TX FIFO
The CC115L contains a 64-byte TX FIFO for data to be transmitted and the SPI interface is used to write
to the TX FIFO (see Section 5.5.5 for more details). The FIFO controller will detect underflow in the TX
FIFO.
When writing to the TX FIFO it is the responsibility of the MCU to avoid TX FIFO overflow. A TX FIFO
overflow will result in an error in the TX FIFO content.
The chip status byte that is available on the SO pin while transferring the SPI header and contains the fill
grade of the TX FIFO if the access is a write operation. Section 5.5.1 contains more details on this.
The number of bytes in the TX FIFO can be read from the status registers TXBYTES.NUM_TXBYTES.
The 4-bit FIFOTHR.FIFO_THR setting is used to program threshold points in the TX FIFO.
Table 5-7 lists the 16 FIFO_THR settings and the corresponding thresholds for the TX FIFO.
Table 5-7. FIFO_THR Settings and the Corresponding FIFO Thresholds
FIFO_THR
Bytes in TX FIFO
0 (0000)
61
1 (0001)
57
2 (0010)
53
3 (0011)
49
4 (0100)
45
5 (0101)
41
6 (0110)
37
7 (0111)
33
8 (1000)
29
9 (1001)
25
10 (1010)
21
11 (1011)
17
12 (1100)
13
13 (1101)
9
14 (1110)
5
15 (1111)
1
A signal will assert when the number of bytes in the TX FIFO is equal to or higher than the programmed
threshold. This signal can be viewed on the GDO pins (see Table 5-12).
Figure 5-12 shows the number of bytes in the TX FIFO when the threshold signal toggles in the case of
FIFO_THR=13. Figure 5-13 shows the signal on the GDO pin as the TX FIFO is filled above the threshold,
and then drained below in the case of FIFO_THR=13.
32
Detailed Description
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC115L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com