công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CC113LRGPR bảng dữ liệu(PDF) 38 Page - Texas Instruments

tên linh kiện CC113LRGPR
Giải thích chi tiết về linh kiện  CC113L Value Line Receiver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

CC113LRGPR bảng dữ liệu(HTML) 38 Page - Texas Instruments

Back Button CC113LRGPR Datasheet HTML 34Page - Texas Instruments CC113LRGPR Datasheet HTML 35Page - Texas Instruments CC113LRGPR Datasheet HTML 36Page - Texas Instruments CC113LRGPR Datasheet HTML 37Page - Texas Instruments CC113LRGPR Datasheet HTML 38Page - Texas Instruments CC113LRGPR Datasheet HTML 39Page - Texas Instruments CC113LRGPR Datasheet HTML 40Page - Texas Instruments CC113LRGPR Datasheet HTML 41Page - Texas Instruments CC113LRGPR Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 87 page
background image
CC113L
SWRS108B – MAY 2011 – REVISED JUNE 2014
www.ti.com
NOTE
The above reset procedure is only required just after the power supply is first turned on. If
the user wants to reset the CC113L after this, it is only necessary to issue an SRES
command strobe.
5.13.2 Crystal Control
The
crystal
oscillator
(XOSC)
is
either
automatically
controlled
or
always
on,
if
MCSM0.XOSC_FORCE_ON is set.
In the automatic mode, the XOSC will be turned off if the SXOFF or SPWD command strobes are issued;
the state machine then goes to XOFF or SLEEP respectively. This can only be done from the IDLE state.
The XOSC will be turned off when CSn is released (goes high). The XOSC will be automatically turned on
again when CSn goes low. The state machine will then go to the IDLE state. The SO pin on the SPI
interface must be pulled low before the SPI interface is ready to be used as described in Section 5.5.1.
If the XOSC is forced on, the crystal will always stay on even in the SLEEP state.
Crystal oscillator start-up time depends on crystal ESR and load capacitances. The electrical specification
for the crystal oscillator can be found in Section 4.7.
5.13.3 Voltage Regulator Control
The voltage regulator to the digital core is controlled by the radio controller. When the chip enters the
SLEEP state which is the state with the lowest current consumption, the voltage regulator is disabled. This
occurs after CSn is released when a SPWD command strobe has been sent on the SPI interface. The
chip is then in the SLEEP state. Setting CSn low again will turn on the regulator and crystal oscillator and
make the chip enter the IDLE state.
5.13.4 Receive Mode (RX)
Receive mode is activated directly by the MCU by using the SRX command strobe.
The frequency synthesizer must be calibrated regularly. CC113L has one manual calibration option (using
the
SCAL
strobe),
and
three
automatic
calibration
options
that
are
controlled
by
the
MCSM0.FS_AUTOCAL setting:
•
Calibrate when going from IDLE to RX
•
Calibrate when going from RX to IDLE automatically (not forced in IDLE by issuing an SIDLE strobe)
•
Calibrate every fourth time when going from RX to IDLE automatically (not forced in IDLE by issuing an
SIDLE strobe)
If the radio goes from RX to IDLE by issuing an SIDLE strobe, calibration will not be performed. The
calibration takes a constant number of XOSC cycles; see Table 5-12 for timing details regarding
calibration.
When RX is activated, the chip will remain in receive mode until a packet is successfully received or until
RX mode terminated due to lack of carrier sense (see Section 18.5). The probability that a false sync word
is detected can be reduced by using CS together with maximum sync word length as described in Section
17. After a packet is successfully received, the radio controller goes to the state indicated by the
MCSM1.RXOFF_MODE setting. The possible destinations are:
•
IDLE
•
RX: Start search for a new packet
38
Detailed Description
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC113L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com