công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AMC1306M25 bảng dữ liệu(PDF) 21 Page - Texas Instruments

tên linh kiện AMC1306M25
Giải thích chi tiết về linh kiện  AMC1306x Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators With High CMTI
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

AMC1306M25 bảng dữ liệu(HTML) 21 Page - Texas Instruments

Back Button AMC1306M25 Datasheet HTML 17Page - Texas Instruments AMC1306M25 Datasheet HTML 18Page - Texas Instruments AMC1306M25 Datasheet HTML 19Page - Texas Instruments AMC1306M25 Datasheet HTML 20Page - Texas Instruments AMC1306M25 Datasheet HTML 21Page - Texas Instruments AMC1306M25 Datasheet HTML 22Page - Texas Instruments AMC1306M25 Datasheet HTML 23Page - Texas Instruments AMC1306M25 Datasheet HTML 24Page - Texas Instruments AMC1306M25 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
Band-Gap
Reference
DOUT
CLKIN
DVDD
DGND
AINP
AINN
AMC1306x
VCM, AVDD
Diagnostic
û Modulator
AGND
AVDD
Reinforced
Isolation
Barrier
21
AMC1306E05, AMC1306E25, AMC1306M05, AMC1306M25
www.ti.com
SBAS734C – MARCH 2017 – REVISED JANAURY 2020
Product Folder Links: AMC1306E05 AMC1306E25 AMC1306M05 AMC1306M25
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The differential analog input (comprised of input signals AINP and AINN) of the AMC1306 is a fully-differential
amplifier feeding the switched-capacitor input of a second-order, delta-sigma (ΔΣ) modulator stage that digitizes
the input signal into a 1-bit output stream. The isolated data output DOUT of the converter provides a stream of
digital ones and zeros that is synchronous to the externally-provided clock source at the CLKIN pin with a
frequency in the range of 5 MHz to 21 MHz. The time average of this serial bitstream output is proportional to the
analog input voltage.
The Functional Block Diagram section shows a detailed block diagram of the AMC1306. The analog input range
is tailored to directly accommodate a voltage drop across a shunt resistor used for current sensing. The silicon-
dioxide (SiO2) based capacitive isolation barrier supports a high level of magnetic field immunity as described in
the ISO72x Digital Isolator Magnetic-Field Immunity application report, available for download at www.ti.com. The
external clock input simplifies the synchronization of multiple current-sensing channels on the system level. The
extended frequency range of up to 21 MHz supports higher performance levels compared to the other solutions
available on the market.
8.2 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com