| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
APIS bảng dữ liệu(PDF) 2 Page - AEROTECH US. ALL RIGHTS RESERVED. |
|
|
|||||||||||||||||||||||||||||
APIS bảng dữ liệu(HTML) 2 Page - AEROTECH US. ALL RIGHTS RESERVED. |
|
2 / 2 page ![]() aerotech.com AUTOMATION1 APIs APIs API Functionality .NET C Python LabVIEW Connect to a local or remote controller Start, stop and reset the controller Execute commands Retrieve one-off status Perform real-time, deterministic data collection Change controller variables Compile, run, and control AeroScript programs Compile AeroScript in-memory - - - Change active controller parameters Configure your system - - - Run under 32-bit or 64-bit Windows 10 Run under 64-bit Linux - CROSS PLATFORM SUPPORT The .NET API is built on .NET Core, making the applications deployable on both Windows and Linux operating systems. The C and Python APIs also enjoy cross-platform support. When using Automation1 APIs with drive-based controllers, you can completely remove the Windows operating system from your controls architecture. MOTION PLUS MORE From programming simple motion to coordinating and synchronizing the motion of multiple axes in your machine, the iSMC provides the flexibility and power you need to tackle today’s automation challenges. CONTINUOUS IMPROVEMENT The APIs and device drivers improve as the Automation1 platform improves. As we engineer new controller features and capabilities, they are made accessible via the APIs and device drivers. APIs ORDERING INFORMATION .NET, C, and Python APIs The Automation1 .NET, C, and Python APIs are supplied at no cost with the Automation1 Motion Development Kit (MDK). LabVIEW Instrument Driver The Automation1 LabVIEW instrument driver is available through the -LV1 ordering option, which is a part of the configuration of the Automation1 Motion Development Kit (MDK). |