công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AEROSCRIPTPLUS bảng dữ liệu(PDF) 3 Page - AEROTECH US. ALL RIGHTS RESERVED.

tên linh kiện AEROSCRIPTPLUS
Giải thích chi tiết về linh kiện  Advanced Controller Functionality
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AEROTECH [AEROTECH US. ALL RIGHTS RESERVED.]
Trang chủ  https://www.aerotech.com/
Logo AEROTECH - AEROTECH US. ALL RIGHTS RESERVED.

AEROSCRIPTPLUS bảng dữ liệu(HTML) 3 Page - AEROTECH US. ALL RIGHTS RESERVED.

  AEROSCRIPTPLUS Datasheet HTML 1Page - AEROTECH US. ALL RIGHTS RESERVED. AEROSCRIPTPLUS Datasheet HTML 2Page - AEROTECH US. ALL RIGHTS RESERVED. AEROSCRIPTPLUS Datasheet HTML 3Page - AEROTECH US. ALL RIGHTS RESERVED. AEROSCRIPTPLUS Datasheet HTML 4Page - AEROTECH US. ALL RIGHTS RESERVED. AEROSCRIPTPLUS Datasheet HTML 5Page - AEROTECH US. ALL RIGHTS RESERVED. AEROSCRIPTPLUS Datasheet HTML 6Page - AEROTECH US. ALL RIGHTS RESERVED.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
aerotech.com
AUTOMATION1 AEROSCRIPTPLUS SPECIFICATIONS
TOOL CENTERPOINT PROGRAMMING
Topic
Description
TCP Machine Tool
Standards
Standards exist in the machine tool industry for
associating linear and rotary axes and defining positive
move directions of all axes. Adhering to these standards
removes uncertainty when anticipating how machine
axes will move in response to motion commanded in part
space.
The positive move directions and the orientation of the
axes in the Part coordinate system are defined per the
right hand rule as shown to the right. The left hand image
is for positive linear convention and the right hand image
is for positive angular convention.
Rotation occurs about a part linear axis per the
relationship shown in the figure to the right. When TCP is
active, the A axis rotates the tool center point about the
part X axis, the B axis rotates the tool center point about
the part Y axis and the C axis rotates the tool center point
about the Z axis.
Machine Configuration
To perform TCP kinematic calculations, the controller
must know the locations of the tool, part and rotary axes
and the configuration of the rotary axes.
Offset Position Configuration
A common approach to establishing machine
configuration is to specify offsets between the points of
rotation of the rotary axes and the location of the tool and
the part. This configuration mode accommodates the
input of coordinates based on their distances from the
Part or Tool Tip they are connected to.
Absolute Position Configuration
Another common approach is using the absolute
positions of all system elements based on their location in
a “World” coordinate frame.
Acceleration Limiting
The CoordinatedAccelLimit parameter will stop or slow
down path velocity for non-tangent linear moves.
The DependentCoordinatedAccelLimit parameter will stop
or slow down program velocity for non-tangent rotary axis
moves.
Note: The effect of changing speed on the machining
process may prevent the use of Acceleration limiting in
applications which require constant surface speed.
chart continued on next page



Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com