| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BAS16QB bảng dữ liệu(PDF) 63 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
BAS16QB bảng dữ liệu(HTML) 63 Page - Nexperia B.V. All rights reserved |
|
63 / 234 page ![]() 63 Automotive ESD protection and TVS Types in bold represent new products TrEOS Automotive Infotainment / SerDes Configuration Type Package Size (mm) USB2.0 HDMI LVDS 2 3.3 11 0.8 0.9 - - brb051 1 2 3 PESD2USB3UV-T SOT23 2.9 x 1.3 x 1.0 3.3 11 0.5 0.6 - - PESD2USB3UX-T 5 11 0.7 0.8 - - PESD2USB5UV-T 5 11 0.4 0.5 - - PESD2USB5UX-T USB2.0 HDMI LVDS 4 3.3 10 0.5 0.6 - 4.6 V @ 5.2 A PESD4USB3R-TBR DFN2510A-10 (SOT1176-1) 2.5 x 1.0 x 0.5 5 10 0.5 0.6 - 4.6 V @ 5.2 A PESD4USB5R-TBR USB3.x HDMI LVDS 3.3 15 0.29 0.34 7 3 V @ 5 A PESD4USB3U-TBR 5 15 0.29 0.34 7 3 V @ 5 A PESD4USB5U-TBR Configuration Type Package Size (mm) Audio Interface Charger Port Antenna (NFC, WiFi) LVDS 1 4.5 30 65 78 34 13.2 PTVS4V5D1BL DFN1006-2 (SOD882) 1.0 x 0.6 x 0.48 5 10 0.4 0.55 - - PESD5V0F1BLD 5 10 0.4 0.55 - - PESD5V0F1BRLD 5.5 30 70 84 35 12.2 PTVS5V5D1BL 18 10 0.35 0.5 1 17 PESD18VF1BL 24 10 0.3 0.45 1 17 PESD24VF1BL 30 10 0.27 0.4 1 17 PESD30VF1BL 5 30 35 45 12 14 PESD5V0S1BLD DFN1006D-2 (SOD882D) 1.0 x 0.6 x 0.48 5 30 11 13 4.8 12.5 PESD5V0V1BLD 2 1 Sym045 PUSB3F97 All information provided in this document is subject to legal disclaimers. © Nexperia B.V. 2017. All rights reserved. Product data sheet Rev. 1 — 10 May 2017 2 of 14 Nexperia PUSB3F97 ESD protection for ultra high-speed interfaces 2. Pinning information 3. Ordering information 4. Marking 5. Limiting values [1] All pins to ground. Table 1. Pinning Pin Symbol Description Simplified outline Graphic symbol 1 CH1 channel 1 ESD protection 2 CH2 channel 2 ESD protection 3 GND ground 4 CH3 channel 3 ESD protection 5 CH4 channel 4 ESD protection 6 n.c. not connected 7 n.c. not connected 8 GND ground 9 n.c. not connected 10 n.c. not connected Table 2. Ordering information Type number Package Name Description Version PUSB3F97 DFN2510A-10 plastic extremely thin small outline package; no leads; 10 terminals; body 1 2.5 0.5 mm SOT1176-1 Table 3. Marking codes Type number Marking code PUSB3F97 96 Table 4. Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Symbol Parameter Conditions Min Max Unit VI input voltage 0.5 +5.5 V VESD electrostatic discharge voltage IEC 61000-4-2, level 4 [1] contact discharge 10 +10 kV air discharge 15 +15 kV Tamb ambient temperature 40 +85 C Tstg storage temperature 55 +125 C Nexperia PUSB3FR4 ESD protection for ultra high-speed interfaces 4. Pinning information Table 1. Pinning information Pin Symbol Description Simplified outline Graphic symbol 1 CH1 channel 1 ESD protection 2 CH2 channel 2 ESD protection 3 GND ground 4 CH3 channel 3 ESD protection 5 CH4 channel 4 ESD protection 6 n.c. not connected 7 n.c. no connection 8 GND ground 9 n.c. not connected 10 n.c. not connected Transparent top view 10 9 8 7 6 1 2 3 4 5 DFN2510A-10 (SOT1176-1) CH1 CH2 CH3 CH4 GND = aaa-016329 5. Ordering information Table 2. Ordering information Package Type number Name Description Version PUSB3FR4 DFN2510A-10 plastic, leadless extremely thin small outline package; 10 terminals; 0.5 mm pitch; 2.5 mm x 1 mm x 0.5 mm body SOT1176-1 6. Marking Table 3. Marking codes Type number Marking code PUSB3FR4 FR PUSB3FR4 All information provided in this document is subject to legal disclaimers. © Nexperia B.V. 2018. All rights reserved Product data sheet 12 July 2018 2 / 15 [1] According to IEC 61000-4-2 63 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |