| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AUTOMATION1-IXL2E bảng dữ liệu(PDF) 2 Page - AEROTECH US. ALL RIGHTS RESERVED. |
|
|
|||||||||||||||||||||||||||||
AUTOMATION1-IXL2E bảng dữ liệu(HTML) 2 Page - AEROTECH US. ALL RIGHTS RESERVED. |
|
2 / 9 page ![]() aerotech.com AUTOMATION1 iXL2e CONTROLLER SPECIFICATIONS SPECIFICATION DESCRIPTION Motion Controller(1) Aerotech’s Automation1-iSMC Intelligent Software-Based Motion Controller (version 2.3 and above) Maximum Axes of Control(1) Up to 12 axes I/O Points(1) See “general specifications” below. Note:Controller can control I/O from connected devices. Programming Language(1) AeroScript, RS-274 G-code APIs(1) ● .NET (cross-platform Linux support) ● C (cross-platform Linux support) ● Python (cross-platform Linux support) ● Instrument Driver for LabVIEW ● EPICS (cross-platform Linux support) see EPICS & TANGO Drivers – Aerotech US ● TANGO; see EPICS & TANGO Drivers – Aerotech US Programming Tasks(1) 4 user tasks (standard) / 9 user tasks (optional) 1 reserved task Position Modes Absolute, incremental, dynamic trajectory correction Motion Types(1) Acceleration Profiles ● Linear (time & rate based) ● Sine (time & rate based) Velocity Profiling(1) Yes Safe Zones(1) Yes Advanced Features(1) Access Control No Controller File System Yes (5 GB) Supported HyperWire Drives Industrial Ethernet Communication(5) EtherCAT (optional, requires Automation1-iSMC, -IE2 option) Modbus (standard, 1 server, 1 client connection; optional, up to 16 client connections with Automation1-iSMC, -CP1 option) EtherNet/IP (optional, requires Automation1-iSMC, -IE3 option) Ethernet Communication(6) Socket (standard, TCP client and TCP server) Communication/Configuration Connection ● Ethernet ● USB ● Automation1-XC6e(3)(4) ● Automation1-XC4e(3)(4) ● Automation1-XC2e(3)(4) ● Automation1-XC4(3)(4) ● Automation1-XC2(3)(4) ● Automation1-XR3(3) ● Automation1-XL5e(3)(4) ● Automation1-XL2e(3)(4) ● Automation1-SI4(3) ● Automation1-XI4(3) ● Corner rounding ● Tool normalcy control ● Cutter compensation ● Programmable fixture offsets(2) ● Rotation, mirroring & translation transformations ● Part profile scaling ● Polar & cylindrical transformations(2) ● Orthogonality correction ● Electronic gearing ● EasyTune® & classical tuning ● Backlash compensation ● Spindle motion ● High-speed registration ● Multi-dimensional error mapping ● Linear motion ● Clockwise & counterclockwise ● Jogging ● Homing ● Rapid ● Freerun ● Many more ● S-curve (time & rate based) Notes: 1. See the Automation1-iSMC controller page for more information. 2. May require advanced programming. 3. Contains I/O on base drive. 4. Drive I/O expansion board option available. 5. Modbus, EtherNet/IP and EtherCAT cannot be used concurrently. 6. Socket interface can be used concurrently with industrial ethernet. |