công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AUTOMATION1-IXC2E bảng dữ liệu(PDF) 4 Page - AEROTECH US. ALL RIGHTS RESERVED.

tên linh kiện AUTOMATION1-IXC2E
Giải thích chi tiết về linh kiện  Compact PWM Servo Drive with Motion Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AEROTECH [AEROTECH US. ALL RIGHTS RESERVED.]
Trang chủ  https://www.aerotech.com/
Logo AEROTECH - AEROTECH US. ALL RIGHTS RESERVED.

AUTOMATION1-IXC2E bảng dữ liệu(HTML) 4 Page - AEROTECH US. ALL RIGHTS RESERVED.

  AUTOMATION1-IXC2E Datasheet HTML 1Page - AEROTECH US. ALL RIGHTS RESERVED. AUTOMATION1-IXC2E Datasheet HTML 2Page - AEROTECH US. ALL RIGHTS RESERVED. AUTOMATION1-IXC2E Datasheet HTML 3Page - AEROTECH US. ALL RIGHTS RESERVED. AUTOMATION1-IXC2E Datasheet HTML 4Page - AEROTECH US. ALL RIGHTS RESERVED. AUTOMATION1-IXC2E Datasheet HTML 5Page - AEROTECH US. ALL RIGHTS RESERVED. AUTOMATION1-IXC2E Datasheet HTML 6Page - AEROTECH US. ALL RIGHTS RESERVED. AUTOMATION1-IXC2E Datasheet HTML 7Page - AEROTECH US. ALL RIGHTS RESERVED. AUTOMATION1-IXC2E Datasheet HTML 8Page - AEROTECH US. ALL RIGHTS RESERVED.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
aerotech.com
AUTOMATION1 iXC2e ORDERING OPTIONS
Automation1-iXC2e
Automation1-iXC2e Automation1-iXC2e - Enhanced, Compact PWM Servo Drive with Motion Controller
Peak Current
-10
10 A peak, 5 A cont. current (default)
Amplifier Type
-PWM+
With PWM+ amplifier
Expansion Board
-EB0
No expansion board (default)
-EB1
Expansion board with analog/digital I/O
-EB2
Expansion board with industrial Ethernet ports
Multiplier
-MX0
No encoder multiplier (default)
-MX2
x65536 multiplier (primary), no multiplier (auxiliary)
-MX3
x65536 multiplier (primary), x16384 multiplier (auxiliary)
PSO(1)
-PSO1
One-axis PSO (includes one-axis Part-Speed PSO) (default)
-PSO2
Two-axis PSO (includes three-axis Part-Speed PSO)
-PSO5
Two-axis Part-Speed PSO
-PSO6
Three-axis Part-Speed PSO
1. PSO functionality is included in the base iXC2e. The -EB1 board is required to use PSO logic to generate an output signal.
AUTOMATION1 PWM+, LINEAR AMPLIFIER PERFORMANCE IN A PWM PACKAGE



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com