công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TUSB2E221I1005VBWR bảng dữ liệu(PDF) 14 Page - Texas Instruments

tên linh kiện TUSB2E221I1005VBWR
Giải thích chi tiết về linh kiện  TUSB2E221 USB 2.0-eUSB2 Dual Repeater
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB2E221I1005VBWR bảng dữ liệu(HTML) 14 Page - Texas Instruments

Back Button TUSB2E221I1005VBWR Datasheet HTML 10Page - Texas Instruments TUSB2E221I1005VBWR Datasheet HTML 11Page - Texas Instruments TUSB2E221I1005VBWR Datasheet HTML 12Page - Texas Instruments TUSB2E221I1005VBWR Datasheet HTML 13Page - Texas Instruments TUSB2E221I1005VBWR Datasheet HTML 14Page - Texas Instruments TUSB2E221I1005VBWR Datasheet HTML 15Page - Texas Instruments TUSB2E221I1005VBWR Datasheet HTML 16Page - Texas Instruments TUSB2E221I1005VBWR Datasheet HTML 17Page - Texas Instruments TUSB2E221I1005VBWR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 63 page
background image
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCHIRPK
Device Chirp K level (differential voltage)
USB 2.0 Spec Section 7.1.7.2 (1) (PE is
disabled. Swing setting has no impact
but slew rate control has impact), Test
load is an ideal 45Ω to GND on DP and
DN.
–900
–760
–500
mV
VCHIRPK
Host/Hub Chirp K level (differential
voltage)
USB 2.0 Spec Section 7.1.7.2 (1) (PE is
disabled. Swing setting has no impact
but slew rate control has impact), Test
load is an ideal 1.5kΩ pullup on DP.
–900
–700
–500
mV
U2_TXPE
High-speed TX Pre-emphasis
U_HS_TX_PRE_EMPHASIS_Px Setting
001,Test load is an ideal 45Ω to GND on
DP and DN.
0.62
0.9
1.2
dB
U2_TXPE_UI High-speed TX Pre-emphasis
U_HS_TX_PE_WIDTH_Px Setting 00
(measured with PE=2.5dB setting of
101), Test load is an ideal 45Ω to GND
on DP and DN.
0.25
0.35
0.41
UI
U2_TXPE_UI High-speed TX Pre-emphasis width
U_HS_TX_PE_WIDTH_Px Setting 01
(measured with PE=2.5dB setting of
101), Test load is an ideal 45Ω to GND
on DP and DN.
0.35
0.45
0.55
UI
U2_TXPE_UI High-speed TX Pre-emphasis width
U_HS_TX_PE_WIDTH_Px Setting
10 (measured with PE=2.5dB setting of
101), Test load is an ideal 45Ω to GND
on DP and DN.
0.44
0.55
0.67
UI
U2_TXPE_UI High-speed TX Pre-emphasis width
U_HS_TX_PE_WIDTH_Px Setting
11 (measured with PE=2.5dB setting of
101), Test load is an ideal 45Ω to GND
on DP and DN.
0.54
0.65
0.77
UI
U2_TXCM
High-speed TX DC Common Mode
All Swing settings with PE disabled
100
200
300
mV
eUSB2 TERMINATION
RSRC_HS
High-speed transmit source termination
impedance
eUSB2 Spec Section 7.1.1 (2)
33
40
47
Ω
ΔRSRC_HS
High-speed source impedance
mismatch
eUSB2 Spec Section 7.1.1 (2)
4
Ω
RRCV_DIF
High-speed differential receiver
termination (repeater)
eUSB2 Spec Section 7.1.2 (2)
74
80
86
Ω
RPD
Pulldown resistors on eDP/eDN
eUSB2 Spec Section 7.3 (2), active
during LS, FS and HS
6
8
10
kΩ
RSRC_LSFS
Transmit output impedance
eUSB2 Spec Section 7.2.1 (2), Table
7-13 TX output impedance to match
spec version 1.10
28
44
59
Ω
CIO_eDx
Differential capacitance
Measured with VNA at 240MHz, Driver
Hi-Z (VCM = 120mV to 450mV),
Measured differentially.
3.7
5
pF
eUSB0, eUSB1 FS/LS INPUT LEVELS
VIL
Single-ended input low
eUSB2 Spec Section 7.2.1, Table
7-13 (2)
–0.1
0.399
V
VIH
Single-ended input high
eUSB2 Spec Section 7.2.1, Table
7-13 (2)
0.819
1.386
V
VHYS
Receive single-ended hysteresis voltage
eUSB2 Spec Section 7.2.1, Table
7-13 (2)
43.2
mV
eUSB0, eUSB1 FS/LS OUTPUT LEVELS
VOL
Single-ended output low
eUSB2 Spec Section 7.2.1, Table
7-13 (2)
0.1
V
VOH
Single-ended output high
eUSB2 Spec Section 7.2.1, Table
7-13 (2)
0.918
1.32
V
TUSB2E221
SNLS757D – JUNE 2024 – REVISED OCTOBER 2025
www.ti.com
14
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TUSB2E221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com