| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TUSB1002ARGET bảng dữ liệu(PDF) 19 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TUSB1002ARGET bảng dữ liệu(HTML) 19 Page - Texas Instruments |
|
19 / 38 page ![]() 7 Application and Implementation Note Information in the following applications sections is not part of the TI component specification, and TI does not warrant its accuracy or completeness. TI’s customers are responsible for determining suitability of components for their purposes, as well as validating and testing their design implementation to confirm system functionality. 7.1 Application Information The TUSB1002A is a linear redriver designed specifically to compensation for ISI jitter caused by attenuation through a passive medium like traces and cables. Because the TUSB1002A has two independent channels, it can be optimized to correct ISI in both the upstream and downstream direction through 16 different equalization choices. Placing the TUSB1002A between a USB3.2 Host/device controller and a USB3.2 receptacle can correct signal integrity issues resulting in a more robust system. 7.2 Typical USB3.2 Application USB3.2 Host Redriver A B D C RX1P RX1N TX2P TX2N TX1P TX1N RX2N RX2P PCB Trace of Length LAB PCB Trace of Length LCD Op onal RESD CAC-USB1 CAC-USB2 LESD LAC-CAP LAC-CAP LR_ESD CAC-USB1 RRX Upstream direc on Downstream direc on Figure 7-1. TUSB1002A in USB3.2 x1 Host Application www.ti.com TUSB1002A SLLSF63C – MARCH 2018 – REVISED JULY 2024 Copyright © 2024 Texas Instruments Incorporated Submit Document Feedback 19 Product Folder Links: TUSB1002A |