công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TUSB1002AIRGER bảng dữ liệu(PDF) 4 Page - Texas Instruments

tên linh kiện TUSB1002AIRGER
Giải thích chi tiết về linh kiện  TUSB1002A USB3.2 10Gbps Dual-Channel Linear Redriver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1002AIRGER bảng dữ liệu(HTML) 4 Page - Texas Instruments

  TUSB1002AIRGER Datasheet HTML 1Page - Texas Instruments TUSB1002AIRGER Datasheet HTML 2Page - Texas Instruments TUSB1002AIRGER Datasheet HTML 3Page - Texas Instruments TUSB1002AIRGER Datasheet HTML 4Page - Texas Instruments TUSB1002AIRGER Datasheet HTML 5Page - Texas Instruments TUSB1002AIRGER Datasheet HTML 6Page - Texas Instruments TUSB1002AIRGER Datasheet HTML 7Page - Texas Instruments TUSB1002AIRGER Datasheet HTML 8Page - Texas Instruments TUSB1002AIRGER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
Table 4-1. Pin Functions (continued)
PIN
TYPE
INTERNAL PULLUP
PULLDOWN
DESCRIPTION
NAME
NO.
CFG1
4
I (4-level)
PU (approx 45K)
PD (approx 95K)
CFG1. This pin along with CFG2 selects the VOD linearity range and DC gain for
both channels 1 and 2. The state of this pin is sampled after the rising edge of
EN. Refer to Figure 5-2 for details of timing. Refer to Table 6-3 for VOD linearity
range and DC gain options.
CFG2
15
I (4-level)
PU (approx 45K)
PD (approx 95K)
CFG2. This pin along with CFG1 sets the VOD linearity range and DC gain for
both channels 1 and 2. The state of this pin is sampled after the rising edge of
EN. Refer to Figure 5-2 for details of timing. Refer to Table 6-3 for VOD linearity
range and DC gain options.
MODE
7
I (4-level)
PU (approx 45 K)
PD (approx 95K)
MODE. This pin is for selecting different modes of operation. The state of this pin
is sampled after the rising edge of EN. Refer to Figure 5-2 for details of timing.
0 = Basic Redriver Mode.
R = PCIe / Test Mode. PCIe Mode and TI Internal use only
F = USB3.2 x1 Dual Channel Operation enabled (TUSB1002A normal mode).
1 = USB3.2 x1 Single-channel operation.
RSVD1
24
O
—
RSVD1. Under normal operation, this pin is driven low by TUSB1002A.
Recommend leaving this pin unconnected on PCB.
DCBOOST
#
14
I (2-level)
PU (approx 400 K)
DCBOOST#. This pin when asserted low increases the DC Gain level defined
inTable 6-3 by +1dB unless already at +2dB. If DC Gain level defined inTable 6-3
is already at +2dB, then asserting this pin low will not change the DC Gain level.
This pin can be left unconnected if this function is not needed.
1 = DC Gain defined by Table 6-3.
0 = DC Gain defined by Table 6-3 is increased by +1dB.
VCC
1, 13
Power
—
3.3V (±10%) Supply.
GND
6, 10, 18,
21
GND
—
Ground
Thermal pad
—
Thermal pad. Recommend connecting to a solid ground plane.
TUSB1002A
SLLSF63C – MARCH 2018 – REVISED JULY 2024
www.ti.com
4
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TUSB1002A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com