công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NRF51822-CTAAAA-R bảng dữ liệu(PDF) 67 Page - Nordic Semiconductor

tên linh kiện NRF51822-CTAAAA-R
Giải thích chi tiết về linh kiện  Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NORDIC [Nordic Semiconductor]
Trang chủ  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF51822-CTAAAA-R bảng dữ liệu(HTML) 67 Page - Nordic Semiconductor

Back Button NRF51822-CTAAAA-R Datasheet HTML 63Page - Nordic Semiconductor NRF51822-CTAAAA-R Datasheet HTML 64Page - Nordic Semiconductor NRF51822-CTAAAA-R Datasheet HTML 65Page - Nordic Semiconductor NRF51822-CTAAAA-R Datasheet HTML 66Page - Nordic Semiconductor NRF51822-CTAAAA-R Datasheet HTML 67Page - Nordic Semiconductor NRF51822-CTAAAA-R Datasheet HTML 68Page - Nordic Semiconductor NRF51822-CTAAAA-R Datasheet HTML 69Page - Nordic Semiconductor NRF51822-CTAAAA-R Datasheet HTML 70Page - Nordic Semiconductor NRF51822-CTAAAA-R Datasheet HTML 71Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 130 page
background image
Page 67
nRF51822 Product Specification v3.3
9
Mechanical specifications
This chapter covers the mechanical specifications for all chip variants of the nRF51822 chip. The following
table lists the cross references to the package sections describing each package variant.
Table 64 Cross references to package variants
9.1
QFN48 package
Figure 15 QFN48 6 x 6 mm package
Table 65 QFN48 dimensions in millimeters
Package
Cross references
QFN48
Section 9.1 “QFN48 package” on page 67
CDAB
Section 9.2 “CDAB WLCSP package” on page 68
CEAA
Section 9.3 “CEAA WLCSP package” on page 69
CFAC
Section 9.4 “CFAC WLCSP package” on page 70
CTAA
Section 9.5 “CTAA WLCSP package” on page 71
CTAC
Section 9.6 “CTAC WLCSP package” on page 72
Package
A
A1
A3
b
D, E
D2, E2
e
K
L
QFN48 (6 x 6)
0.80
0.85
0.90
0.00
0.02
0.05
0.2
0.15
0.20
0.25
6.0
4.50
4.60
4.70
0.4
0.20
0.35
0.40
0.45
Min.
Nom.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More