công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NRF51822-CTACAB-R7 bảng dữ liệu(PDF) 54 Page - Nordic Semiconductor

tên linh kiện NRF51822-CTACAB-R7
Giải thích chi tiết về linh kiện  Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NORDIC [Nordic Semiconductor]
Trang chủ  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF51822-CTACAB-R7 bảng dữ liệu(HTML) 54 Page - Nordic Semiconductor

Back Button NRF51822-CTACAB-R7 Datasheet HTML 50Page - Nordic Semiconductor NRF51822-CTACAB-R7 Datasheet HTML 51Page - Nordic Semiconductor NRF51822-CTACAB-R7 Datasheet HTML 52Page - Nordic Semiconductor NRF51822-CTACAB-R7 Datasheet HTML 53Page - Nordic Semiconductor NRF51822-CTACAB-R7 Datasheet HTML 54Page - Nordic Semiconductor NRF51822-CTACAB-R7 Datasheet HTML 55Page - Nordic Semiconductor NRF51822-CTACAB-R7 Datasheet HTML 56Page - Nordic Semiconductor NRF51822-CTACAB-R7 Datasheet HTML 57Page - Nordic Semiconductor NRF51822-CTACAB-R7 Datasheet HTML 58Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 130 page
background image
Page 54
nRF51822 Product Specification v3.3
Table 39 Receiver specifications
250 kbps
C/ICO
C/I co-channel.
4
dB
2
C/I1ST
1st ACS, C/I 1 MHz.
-10
dB
2
C/I2ND
2nd ACS, C/I 2 MHz.
-34
dB
2
C/I3RD
3rd ACS, C/I 3 MHz.
-39
dB
2
C/I6th
6th ACS, C/I fi > 6 MHz.
-50
dB
2
C/I12th
12th ACS, C/I 12 MHz.
-55
dB
2
C/INth
Nth ACS, C/I fi > 25 MHz.
-60
dB
2
Bluetooth Low Energy RX selectivity
C/ICO
C/I co-channel.
10
dB
2
C/I1ST
1st ACS, C/I 1 MHz.
1
dB
2
C/I2ND
2nd ACS, C/I 2 MHz.
-25
dB
2
C/I3+N
ACS, C/I (3+n) MHz offset [n = 0, 1, 2, . . .].
-51
dB
2
C/IImage
lmage blocking level.
-30
dB
2
C/IImage±1MHz
Adjacent channel to image blocking level (±1 MHz).
-31
dB
2
RX intermodulation3
P_IMD2Mbps
IMD performance, 2 Mbps,
3rd, 4th, and 5th offset channel.
-41
dBm
2
P_IMD1Mbps
IMD performance, 1 Mbps,
3rd, 4th, and 5th offset channel.
-40
dBm
2
P_IMD250kbps
IMD performance, 250 kbps,
3rd, 4th, and 5th offset channel.
-36
dBm
2
P_IMDBLE
IMD performance, 1 Mbps BLE,
3rd, 4th, and 5th offset channel.
-39
dBm
2
1. As defined in the Bluetooth Core Specification v4.0 Volume 6: Core System Package (Low Energy Controller Volume).
2. Wanted signal level at PIN = -67 dBm. One interferer is used, having equal modulation as the wanted signal. The input
power of the interferer where the sensitivity equals BER = 0.1% is presented.
3. Wanted signal level at PIN = -64 dBm. Two interferers with equal input power are used. The interferer closest in fre-
quency is not modulated, the other interferer is modulated equal with the wanted signal. The input power of interferers
where the sensitivity equals BER = 0.1% is presented.
Symbol
Description
Min.
Typ.
Max.
Units
Test
level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com