công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCLPS80 bảng dữ liệu(PDF) 1 Page - Multicomp Pro

tên linh kiện MCLPS80
Giải thích chi tiết về linh kiện  Heat Sink Cases Accessories
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MULTICOMP [Multicomp Pro]
Trang chủ  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MCLPS80 bảng dữ liệu(HTML) 1 Page - Multicomp Pro

  MCLPS80 Datasheet HTML 1Page - Multicomp Pro MCLPS80 Datasheet HTML 2Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Heat Sink Cases
Accessories
Page <1>
19/01/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
Features:
Linc-Lugs:
• Aluminium extruded mounting bracket for fixing E-Case housings to walls, panels, vehicle bulkheads
• Linc-Lug slides into any external dovetail feature on E-Case housings and is retained by the end plates
• The silver lugs are strip silver anodized and are used with the silver E-Case enclosures that are anodized in the same way
Non-Standard Lengths: Available but not with U-shaped slot
Material : Aluminium 6063 T6 (HE9)
Finish : Silver anodized 5
µm thickness. (Cut ends and inside of U-shaped slot are not anodized)
Weight : 15 g (Pair of lugs in plastic bag - MCLPS40)
Extrusion perimeter: 70 mm
Application Information: Linc-Lug is secured as follows:
For cases length 40 mm and 80 mm, use Linc-Lugs of appropriate length, retain with the end plates. Drill a hole 2.6 mm diameter
through the dovetail on the Linc-Lug the V-groove as a drill start. Slide the drilled lug to the desired position along enclosure. Drive a
No.4 x 1/4 “ posi-pan type-B self tapping screw into the drilled hole to security wedge the Linc-Lug in the dovetail slot. MCLPS40 lugs
are now available with screws pre-fitted. These are supplied as a pair in a plastic bag
Bezels:
• Cosmetic end plate surrounds made of ABS plastic that are available in four sizes to suit the four extrusion profiles
• The four end-plate mounting screws pass through the bezel, through the end-plate and into the extrusion
• The screw heads are concealed by inserts which closely match the bezel
• This gives a much-improved cosmetic appearance
Application Information:
The bezels come with the four inserts attached to a sprue on the bezel. The sprue should be cut off the bezel using a sharp knife.
Similarly the inserts should be cut off the sprue. Care should be taken not to leave plastic pipes on the inserts that will prevent them
lying flush when later inserted in the bezel. Once inserted, the inserts are not intended to be removed, but actually it is possible to
remove them without damage by carefully using a pin.
Bezels have a few applications that are worth particular mention. It is usual to put script on the front plate of an electronics housing.
This can be done by screen printing the plates, but an alternative method is to reverse print the back side of a clear polycarbonate
sheet. This can be cut and stuck on the end plate. The bezel is used to conceal the cut edges. Another application of the bezels is to
conceal the edge of a gasket that would normally be visible sandwiched between the end plate and the extrusion
Linc-Lug
Bezels
Gaskets


Số phần tương tự - MCLPS80

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Festo Corporation.
MCL FESTO-MCL Datasheet
66Kb / 1P
Indicating insert
MCL-230AC FESTO-MCL-230AC Datasheet
68Kb / 1P
Indicating insert
MCL-24AC FESTO-MCL-24AC Datasheet
67Kb / 1P
Indicating insert
MCL-24DC FESTO-MCL-24DC Datasheet
67Kb / 1P
Indicating insert
MCL-24DC/AC FESTO-MCL-24DC/AC Datasheet
67Kb / 1P
Indicating insert
More results

Mô tả tương tự - MCLPS80

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Hamamatsu Corporation
E989 HAMAMATSU-E989 Datasheet
88Kb / 1P
Magnetic Shield Cases
logo
List of Unclassifed Man...
G738 ETC1-G738 Datasheet
344Kb / 2P
Desktop Cases
G749A ETC2-G749A Datasheet
130Kb / 1P
Desktop Cases
G753 ETC2-G753 Datasheet
132Kb / 1P
Desktop Cases
M5700613 ETC2-M5700613 Datasheet
297Kb / 1P
ACCESSORIES FOR METTEC DESK CASES
logo
CUI INC
HSS-B20-02 CUI-HSS-B20-02 Datasheet
292Kb / 3P
HEAT SINK
HSE-18X CUI-HSE-18X Datasheet
512Kb / 6P
HEAT SINK
HSE-B18X-060H-W CUI-HSE-B18X-060H-W Datasheet
481Kb / 6P
HEAT SINK
HSE-B20250-045H CUI-HSE-B20250-045H Datasheet
294Kb / 3P
HEAT SINK
HSE-BX-035H CUI-HSE-BX-035H Datasheet
547Kb / 8P
HEAT SINK
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com