| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PLP2S-C bảng dữ liệu(PDF) 5 Page - PANDUIT CORP. |
|
|
|||||||||||||||||||||||||||||
PLP2S-C bảng dữ liệu(HTML) 5 Page - PANDUIT CORP. |
|
5 / 5 page ![]() ELECTRICAL SOLUTIONS B1.38 B2. Cable Accessories C1. Wiring Duct C3. Abrasion Protection C4. Cable Management D1. Terminals D2. Power Connectors E1. Labeling Systems E2. Labels E3. Pre-Printed & Write-On Markers F. Index B3. Stainless Steel Ties C2. Surface Raceway E5. Lockout/ Tagout & Safety Solutions B1. Cable Ties A. System Overview D3. Grounding Connectors E4. Permanent Identification Features and Benefits – Super-Grip ® Cable Ties One-piece design with a thin, wide strap body for improved flexibility. Dome shaped head and smooth, round strap body protect the cable insulation Curved, tapered tip threads easily and installs faster Aggressive grips allow temporary threading of tie before the strap teeth are engaged One-piece locking wedge provides consistent, reliable performance Strong locking wedge improves strength and allows for rough handling Thin, flared neck tolerates rough installation practices and improves small bundle performance High loop tensile strength exceeds industry standards Thin, wide strap body provides increased flexibility while maintaining loop tensile strength Cable tie tools speed installation and reduce total installed cost. See pages B1.107 – B1.112. Cable tie accessories are used to speed and simplify the mounting of wires, cables, and tubing. See pages B2.7, B2.11, B2.13, B2.21. |