công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32H533CEK7 bảng dữ liệu(PDF) 4 Page - STMicroelectronics

tên linh kiện STM32H533CEK7
Giải thích chi tiết về linh kiện  Arm® Cortex®-M33 32-bit MCUTrustZone® FPU, 375 DMIPS 250 MHz, 512-Kbyte flash, 272-Kbyte RAM, cryptography
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H533CEK7 bảng dữ liệu(HTML) 4 Page - STMicroelectronics

  STM32H533CEK7 Datasheet HTML 1Page - STMicroelectronics STM32H533CEK7 Datasheet HTML 2Page - STMicroelectronics STM32H533CEK7 Datasheet HTML 3Page - STMicroelectronics STM32H533CEK7 Datasheet HTML 4Page - STMicroelectronics STM32H533CEK7 Datasheet HTML 5Page - STMicroelectronics STM32H533CEK7 Datasheet HTML 6Page - STMicroelectronics STM32H533CEK7 Datasheet HTML 7Page - STMicroelectronics STM32H533CEK7 Datasheet HTML 8Page - STMicroelectronics STM32H533CEK7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 231 page
background image
Contents
STM32H533xx
4/231
DS14539 Rev 1
3.14
General-purpose inputs/outputs (GPIOs) . . . . . . . . . . . . . . . . . . . . . . . . . 33
3.14.1
GPIOs TrustZone security . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 33
3.15
Multi-AHB bus matrix . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 33
3.16
General purpose direct memory access controller (GPDMA) . . . . . . . . . 33
3.17
Interrupts and events . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
3.17.1
Nested vectored interrupt controller (NVIC) . . . . . . . . . . . . . . . . . . . . . . 35
3.17.2
Extended interrupt/event controller (EXTI) . . . . . . . . . . . . . . . . . . . . . . 35
3.18
Cyclic redundancy check calculation unit (CRC) . . . . . . . . . . . . . . . . . . . 36
3.19
Flexible memory controller (FMC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36
3.19.1
LCD parallel interface . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36
3.19.2
FMC TrustZone security . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36
3.20
Octo-SPI interface (OCTOSPI) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
3.20.1
OCTOSPI TrustZone security . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
3.21
Delay block (DLYB) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 38
3.22
Analog-to-digital converter (ADC1 and ADC2) . . . . . . . . . . . . . . . . . . . . . 38
3.22.1
Analog temperature sensor . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
3.22.2
Internal voltage reference (VREFINT) . . . . . . . . . . . . . . . . . . . . . . . . . . 39
3.22.3
VBAT battery voltage monitoring . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
3.23
Digital temperature sensor (DTS) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
3.24
Digital to analog converter (DAC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
3.25
Voltage reference buffer (VREFBUF) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40
3.26
Digital camera interface (DCMI) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40
3.27
Parallel synchronous slave interface (PSSI) . . . . . . . . . . . . . . . . . . . . . . 41
3.28
True random number generator (RNG) . . . . . . . . . . . . . . . . . . . . . . . . . . 41
3.29
Secure advanced encryption standard hardware accelerator
(SAES) and encryption standard hardware accelerator (AES) . . . . . . . . 42
3.30
HASH hardware accelerator (HASH) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 43
3.31
On-the-fly decryption engine (OTFDEC) . . . . . . . . . . . . . . . . . . . . . . . . . 44
3.32
Public key accelerator (PKA) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 45
3.33
Timers and watchdogs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 45
3.33.1
Advanced-control timers (TIM1, TIM8) . . . . . . . . . . . . . . . . . . . . . . . . . 46
3.33.2
General-purpose timers
(TIM2, TIM3, TIM4, TIM5, TIM12, TIM15) . . . . . . . . . . . . . . . . . . . . . . . 46
3.33.3
Basic timers (TIM6 and TIM7) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 47
3.33.4
Low-power timers
(LPTIM1, LPTIM2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More