| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN74LS592 bảng dữ liệu(PDF) 9 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
SN74LS592 bảng dữ liệu(HTML) 9 Page - Texas Instruments |
|
9 / 30 page ![]() PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) 5962-87621012A ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type 5962-8762101EA ACTIVE CDIP J 16 1 TBD A42 SNPB N / A for Pkg Type 5962-8762101EA ACTIVE CDIP J 16 1 TBD A42 SNPB N / A for Pkg Type 5962-8762101FA ACTIVE CFP W 16 1 TBD A42 N / A for Pkg Type 5962-8762101FA ACTIVE CFP W 16 1 TBD A42 N / A for Pkg Type SN54LS592J ACTIVE CDIP J 16 1 TBD A42 SNPB N / A for Pkg Type SN54LS592J ACTIVE CDIP J 16 1 TBD A42 SNPB N / A for Pkg Type SN54LS593J ACTIVE CDIP J 20 1 TBD A42 SNPB N / A for Pkg Type SN54LS593J ACTIVE CDIP J 20 1 TBD A42 SNPB N / A for Pkg Type SN74LS592D ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LS592D ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LS592DE4 ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LS592DE4 ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LS592DG4 ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LS592DG4 ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LS592DR ACTIVE SOIC D 16 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LS592DR ACTIVE SOIC D 16 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LS592DRE4 ACTIVE SOIC D 16 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LS592DRE4 ACTIVE SOIC D 16 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LS592DRG4 ACTIVE SOIC D 16 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LS592DRG4 ACTIVE SOIC D 16 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LS592N ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type SN74LS592N ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type SN74LS592N3 OBSOLETE PDIP N 16 TBD Call TI Call TI SN74LS592N3 OBSOLETE PDIP N 16 TBD Call TI Call TI SN74LS592NE4 ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type SN74LS592NE4 ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type SN74LS592NSR ACTIVE SO NS 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LS592NSR ACTIVE SO NS 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM PACKAGE OPTION ADDENDUM www.ti.com 4-Jun-2007 Addendum-Page 1 |