| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
REF5010ID.A bảng dữ liệu(PDF) 29 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
REF5010ID.A bảng dữ liệu(HTML) 29 Page - Texas Instruments |
|
29 / 52 page ![]() which degrades SNR of the total system. If the ESR of the capacitor is not enough, then an additional resistor must be added in series with the output capacitor. A capacitance of 1μF can connect to the NR pin to reduce band-gap noise of the REF50xx. Table 9-1 shows SNR measurements using different RC filters at the output of the OPA365, different values of output capacitor for the REF50xx and different values of capacitors at the TRIM/NR pin. Table 9-1. Data Acquisition Measurement Results for Different Conditions TEST CONDITION 1 TEST CONDITION 2 OPA365 RC filter 124Ω, 1nF 124Ω, 1nF REF5040 output capacitor 10μF 10μF + 47μF TRIM/NR pin capacitor 0μF 1μF SNR 86.7dB 92.8dB 9.2.1.3 Application Curve Figure 9-2. FFT Plot-Noise Floor of Data Acquisition System 9.3 Power Supply Recommendations The REF50xx family of voltage references features extremely low dropout voltage. With the exception of the REF5020, which has a minimum supply requirement of 2.7V, the REF50xx family of voltage references operates with a supply of 200mV more than the output voltage in an unloaded condition. For loaded conditions, Figure 6-6 provides a typical dropout voltage versus load plot. TI recommends a supply bypass capacitor ranging from 1μF to 50μF for REF50xxI and REF50xxAI. TI recommends a supply bypass capacitor ranging from 1μF to 100μF for REF50xxEI. 9.4 Layout 9.4.1 Layout Guidelines 9.4.1.1 REF50xxI, REF50xxAI Layout Guidelines • Place the power-supply bypass capacitor as closely as possible to the supply and ground pins. The recommended value of this bypass capacitor is from 1μF to 10μF. If necessary, add decoupling capacitance to compensate for noisy or high-impedance power supplies. • Place a 1μF noise filtering capacitor between the NR pin and ground. • Verify that the output decouples with a 1μF to 50μF capacitor. A resistor in series with the output capacitor is optional. For better noise performance, the recommended ESR on the output capacitor is from 1Ω to 1.5Ω. www.ti.com REF50, REF50E SBOS410O – JUNE 2007 – REVISED OCTOBER 2025 Copyright © 2025 Texas Instruments Incorporated Submit Document Feedback 29 Product Folder Links: REF50 REF50E |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |