| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
REF5010IDGK bảng dữ liệu(PDF) 24 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
REF5010IDGK bảng dữ liệu(HTML) 24 Page - Texas Instruments |
|
24 / 52 page ![]() 8.3 Feature Description 8.3.1 Temperature Monitoring The temperature output terminal (TEMP, pin 3) provides a temperature-dependent voltage output with approximately 60kΩ source impedance. As illustrated in Figure 6-8, the output voltage follows the nominal relationship: REF50xxI, REF50xxAI: VTEMP PIN = 509mV + 2.64 × T(°C) (1) REF50xxEI: VTEMP PIN = 625mV + 2.64 × T(°C) (2) The TEMP pin indicates general chip temperature, accurate to approximately ±15°C. Although not generally suitable for accurate temperature measurements, use the TEMP pin to indicate temperature changes or for temperature compensation of analog circuitry. A temperature change of 30°C corresponds to an approximate 79mV change in voltage at the TEMP pin. The TEMP pin has high-output impedance (see Section 8.2). Loading the TEMP pin with a low-impedance circuit induces a measurement error; however, the pin does not have any effect on VOUT accuracy. To avoid errors caused by low-impedance loading, buffer the TEMP pin output with a suitable low-temperature drift op amp, such as the OPA333, OPA335, or OPA376, as shown in Figure 8-3. DNC TEMP V OUT V IN GND DNC NC TRIM/NR REF50xx V TEMP 2.6mV/ C ° OPA(1) NOTE:(1)Lowdriftopamp,suchastheOPA333,OPA335,orOPA376. +V Figure 8-3. Buffering the TEMP Pin Output 8.3.2 Temperature Drift The REF50xx is designed for minimal drift error, which is defined as the change in output voltage over temperature. The drift is calculated using the box method, as calculated in Equation 3. Drift= VOUTMAX−VOUTMIN VOUT×Temperature Range ×106ppm (3) The REF50xx features a maximum drift coefficient of 2.5ppm/°C for the enhanced-grade version, 3ppm/°C for the high-grade version, and 8ppm/°C for the standard-grade version. REF50, REF50E SBOS410O – JUNE 2007 – REVISED OCTOBER 2025 www.ti.com 24 Submit Document Feedback Copyright © 2025 Texas Instruments Incorporated Product Folder Links: REF50 REF50E |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |