| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IS43TR16640C bảng dữ liệu(PDF) 39 Page - Integrated Silicon Solution, Inc |
|
|
|||||||||||||||||||||||||||||
IS43TR16640C bảng dữ liệu(HTML) 39 Page - Integrated Silicon Solution, Inc |
|
39 / 89 page ![]() IS43/46TR16640C, IS43/46TR16640CL IS43/46TR81280C, IS43/46TR81280CL Integrated Silicon Solution, Inc. – www.issi.com – 39 Rev. E 12/27/2024 5.6 Overshoot and Undershoot Specifications 5.6.1 AC Overshoot/Undershoot Specification for Address and Control Pins Item DDR3- 800 DDR3- 1066 DDR3- 1333 DDR3- 1600 DDR3- 1866 DDR3- 2133 Units Maximum peak amplitude allowed for overshoot area 0.4 0.4 0.4 0.4 0.4 0.4 V Maximum peak amplitude allowed for undershoot area 0.4 0.4 0.4 0.4 0.4 0.4 V Maximum overshoot area above VDD 0.67 0.5 0.4 0.33 0.28 0.25 V-ns undershoot area below VSS 0.67 0.5 0.4 0.33 0.28 0.25 V-ns Note : A0-A13, BA0-BA2, CS#, RAS#, CAS#, WE#, CKE, ODT 5.6.2 AC Overshoot/Undershoot Specification for Clock, Data, Strobe, and Mask Item DDR3- 800 DDR3- 1066 DDR3- 1333 DDR3- 1600 DDR3- 1866 DDR3- 2133 Units Maximum peak amplitude allowed for overshoot area 0.4 0.4 0.4 0.4 0.4 0.4 V Maximum peak amplitude allowed for undershoot area 0.4 0.4 0.4 0.4 0.4 0.4 V Maximum overshoot area above VDD 0.25 0.19 0.15 0.13 0.11 0.10 V-ns undershoot area below VSS 0.25 0.19 0.15 0.13 0.11 0.10 V-ns Note : CK, CK#, DQ, DQS, DQS#, DM Maximum Amplitude Overshoot Area Undershoot Area Maximum Amplitude VDD VSS Volts(V) Time(ns) Maximum Amplitude VDDQ VSSQ Volts(V) Time(ns) Maximum Amplitude Overshoot Area |