| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IP-R4900 bảng dữ liệu(PDF) 5 Page - Brady Worldwide, Inc. |
|
|
|||||||||||||||||||||||||||||
IP-R4900 bảng dữ liệu(HTML) 5 Page - Brady Worldwide, Inc. |
|
5 / 12 page ![]() BradyID.com/i5100 • 1-888-272-3946 5 Intelligent printing technology means faster, easier set up IP-enabled supplies from Brady allow the printer, labels, ribbons and software to work together for efficient label set up and creation. It’s all in the IP-enabled RFID tag embedded in our materials – it stores the material size, type, color, quantity and compatibility. When installed, the tag sends that information to the printer and software, and displays it on screen to provide you with a variety of time- and cost-saving benefits, including: Supplies remaining gauge Auto sensor select Auto-part set up in software Auto print speed and heat setting Ribbon incompatibility warning Smart design for fast material changeovers The specially designed ribbon spindles and roll holder simplify the clumsy loading process of traditional materials. The media rolls easily drop into place quickly and always in the correct orientation. This feature makes this printer ideal for facilities that use a variety of materials throughout the day. Detects installed label User just enters label content IP-enabled supplies with RFID tag |