công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

D35530641 bảng dữ liệu(PDF) 1 Page - Glamox

tên linh kiện D35530641
Giải thích chi tiết về linh kiện  D35-R180 LED 1000 DALI830 LI OP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GLAMOX [Glamox]
Trang chủ  https://www.glamox.com/
Logo GLAMOX - Glamox

D35530641 bảng dữ liệu(HTML) 1 Page - Glamox

  D35530641 Datasheet HTML 1Page - Glamox D35530641 Datasheet HTML 2Page - Glamox  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
10/2/2025
The Company reserves the right to change any product specifications without prior notification.
1/2
D35-R180 LED 1000 DALI
830 LI OP
Glamox D35 is family with compact design, in three sizes.
Injected moulded fire resistant plastic material V1 in white
finish RAL9016. Integrated aluminium heat sink.
Item No.
D35530641
GTIN
4741145306416
Stock status code
M
Technical specifications
Mounting
Product Mounting
Ceiling recessed
General
Product shape
Round
LMS System
Number of DALI addresses
1
LMS Protocol
DALI
Electrical Data
Leakage Current (mA)
0.34
Main Feed AC (V) Min
220
Main Feed AC (V) Max
240
Main Feed Frequency Min
50
Main Feed Frequency Max
60
Main Feed DC (V) Min
180
Main Feed DC (V) Max
270
Total Consumption (W)
10
Number Of Luminaire MCB 10B
45
Number Of Luminaire MCB 10C
50
Number Of Luminaire MCB 16B
80
Number Of Luminaire MCB 16C
136
Optic
Optic description
Opal diffuser in acrylic
Optic Name
OP - Opal diffuser in acrylic
UGR (70/50/20 & 4H-8H crosswise)
27
Diffuser Material
Acrylic
Diffuser Material Design
Opal
Optic main category
Diffuser
Technical Data
Minimum TA (ºC)
-20
Maximum TA (ºC)
45
IP classification
40 from underneath \ 20 from above
Light Technical Data
Light source
LED
Lumen Out (lm)
1001
Lumen Per Watt (lm/W)
103
Lamp colour temp (K)
3000
Colour Rendering Index
>80
Light Distribution Down %
100
MacAdam step
3
Energy Class Light Source
D
Minimum Dim Level (%)
1
Driver / Ballast
Type of LED Driver
DALI: Dimming
Number of Driver
1
Lifetime
LED Lifetime L80B50 Ta25 (h)
80 000
Luminous flux decline (LLMF) 50.000h Ta25
0.80
Housing
Body Material
ABS plastic
Body Colour
WH - White
Main Body Colour Name
White
Dimensions
Height (mm)
32
Diameter (mm)
200
Cut out (mm)
180
Item Net Weight (kg)
0.828
Cut out diameter
180
Termination
Termination
5x2x2.5mm2 Push In
Plug Type
Linect
Logistic Data
Item Gross Weight (kg)
0.9


Số phần tương tự - D35530641

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Glamox
D35530640 GLAMOX-D35530640 Datasheet
291Kb / 2P
D35-R180 LED 1000 DALI830 LI MP
D35530642 GLAMOX-D35530642 Datasheet
294Kb / 2P
D35-R230 LED 1400 DALI830 LI MP
D35530643 GLAMOX-D35530643 Datasheet
290Kb / 2P
D35-R230 LED 1400 DALI830 LI OP
D35530644 GLAMOX-D35530644 Datasheet
289Kb / 2P
D35-R230 LED 1400 HF 830LI MP
More results

Mô tả tương tự - D35530641

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL6292 INTERSIL-ISL6292 Datasheet
647Kb / 19P
Li-ion/Li Polymer Battery Charger
July 25, 2005
logo
OPTEK Technologies
OPF372A OPTEK-OPF372A Datasheet
3Mb / 2P
Fi ber Op tic GaA lAs LED
August 1996
logo
List of Unclassifed Man...
AMC7110 ETC1-AMC7110 Datasheet
115Kb / 1P
White/Blue LED Driver for Li-Ion Battery Application
logo
OPTEK Technologies
OPF370A OPTEK-OPF370A Datasheet
3Mb / 2P
Fi ber Op tic GaA lAs LED
logo
SL Power Electronics
D35_DD SLPOWER-D35_DD Datasheet
17Kb / 2P
D35 Euro Wall Mount 1-3 Watts Series
logo
Renesas Technology Corp
ISL6292 RENESAS-ISL6292 Datasheet
1Mb / 20P
Li-ion/Li Polymer Battery Charger
ISL9203A RENESAS-ISL9203A Datasheet
716Kb / 14P
Li-ion/Li Polymer Battery Charger
logo
Diodes Incorporated
AUR9801D DIODES-AUR9801D Datasheet
599Kb / 14P
LI-ION/LI POLYMER BATTERY CHARGER
August 2019
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B_V01 Datasheet
603Kb / 13P
Li-ion/Li Polymer Battery Charger
Nov.2.2020
ISL6292 RENESAS-ISL6292_V01 Datasheet
1Mb / 23P
Li-ion/Li Polymer Battery Charger
Nov.3.20
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com