công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CY8C5685PVC bảng dữ liệu(PDF) 41 Page - Infineon Technologies AG

tên linh kiện CY8C5685PVC
Giải thích chi tiết về linh kiện  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C5685PVC bảng dữ liệu(HTML) 41 Page - Infineon Technologies AG

Back Button CY8C5685PVC Datasheet HTML 37Page - Infineon Technologies AG CY8C5685PVC Datasheet HTML 38Page - Infineon Technologies AG CY8C5685PVC Datasheet HTML 39Page - Infineon Technologies AG CY8C5685PVC Datasheet HTML 40Page - Infineon Technologies AG CY8C5685PVC Datasheet HTML 41Page - Infineon Technologies AG CY8C5685PVC Datasheet HTML 42Page - Infineon Technologies AG CY8C5685PVC Datasheet HTML 43Page - Infineon Technologies AG CY8C5685PVC Datasheet HTML 44Page - Infineon Technologies AG CY8C5685PVC Datasheet HTML 45Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 40 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
7. Digital Subsystem
The digital programmable system creates application specific
combinations of both standard and advanced digital peripherals
and custom logic functions. These peripherals and logic are then
interconnected to each other and to any pin on the device,
providing a high level of design flexibility and IP security.
The features of the digital programmable system are outlined
here to provide an overview of capabilities and architecture. You
do not need to interact directly with the programmable digital
system at the hardware and register level. PSoC Creator
provides a high level schematic capture graphical interface to
automatically place and route resources similar to PLDs.
The main components of the digital programmable system are:
Universal Digital Blocks (UDB) - These form the core
functionality of the digital programmable system. UDBs are a
collection of uncommitted logic (PLD) and structural logic
(Datapath) optimized to create all common embedded
peripherals and customized functionality that are application or
design specific.
Universal Digital Block array - UDB blocks are arrayed within
a matrix of programmable interconnect. The UDB array
structure is homogeneous and allows for flexible mapping of
digital functions onto the array. The array supports extensive
and flexible routing interconnects between UDBs and the
Digital System Interconnect.
Digital System Interconnect (DSI) - Digital signals from
Universal Digital Blocks (UDBs), fixed function peripherals, I/O
pins, interrupts, DMA, and other system core signals are
attached to the Digital System Interconnect to implement full
featured device connectivity. The DSI allows any digital function
to any pin or other feature routability when used with the
Universal Digital Block array.
Figure 7-1. CY8C58LP Digital Programmable Architecture
7.1 Example Peripherals
The flexibility of the CY8C58LP family’s UDBs and analog blocks
allow the user to create a wide range of components
(peripherals). The most common peripherals were built and
characterized by Cypress and are shown in the PSoC Creator
component catalog, however, users may also create their own
custom components using PSoC Creator. Using PSoC Creator,
users may also create their own components for reuse within
their organization, for example sensor interfaces, proprietary
algorithms, and display interfaces.
The number of components available through PSoC Creator is
too numerous to list in the datasheet, and the list is always
growing. An example of a component available for use in
CY8C58LP family, but, not explicitly called out in this datasheet
is the UART component.
7.1.1 Example Digital Components
The following is a sample of the digital components available in
PSoC Creator for the CY8C58LP family. The exact amount of
hardware resources (UDBs, routing, RAM, flash) used by a
component varies with the features selected in PSoC Creator for
the component.
Communications
I2C
UART
SPI
Functions
EMIF
PWMs
Timers
Counters
Logic
NOT
OR
XOR
AND
7.1.2 Example Analog Components
The following is a sample of the analog components available in
PSoC Creator for the CY8C58LP family. The exact amount of
hardware resources (SC/CT blocks, routing, RAM, flash) used
by a component varies with the features selected in PSoC
Creator for the component.
Amplifiers
TIA
PGA
opamp
ADCs
Delta-Sigma
Successive Approximation (SAR)
DACs
Current
Voltage
PWM
Comparators
Mixers
Digital Core System
and Fixed Function Peripherals
DSI Routing Interface
DSI Routing Interface
Digital Core System
and Fixed Function Peripherals
UDB
UDB
UDB
UDB
UDB
UDB
UDB
UDB
UDB
UDB
UDB
UDB
UDB
UDB
UDB
UDB
UDB
UDB
UDB
UDB
UDB
UDB
UDB
UDB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com