công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CY8C5285PVC bảng dữ liệu(PDF) 47 Page - Infineon Technologies AG

tên linh kiện CY8C5285PVC
Giải thích chi tiết về linh kiện  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C5285PVC bảng dữ liệu(HTML) 47 Page - Infineon Technologies AG

Back Button CY8C5285PVC Datasheet HTML 43Page - Infineon Technologies AG CY8C5285PVC Datasheet HTML 44Page - Infineon Technologies AG CY8C5285PVC Datasheet HTML 45Page - Infineon Technologies AG CY8C5285PVC Datasheet HTML 46Page - Infineon Technologies AG CY8C5285PVC Datasheet HTML 47Page - Infineon Technologies AG CY8C5285PVC Datasheet HTML 48Page - Infineon Technologies AG CY8C5285PVC Datasheet HTML 49Page - Infineon Technologies AG CY8C5285PVC Datasheet HTML 50Page - Infineon Technologies AG CY8C5285PVC Datasheet HTML 51Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 46 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
Figure 7-9. Digital System Interconnect
Interrupt and DMA routing is very flexible in the CY8C58LP
programmable architecture. In addition to the numerous fixed
function peripherals that can generate interrupt requests, any
data signal in the UDB array routing can also be used to generate
a request. A single peripheral may generate multiple
independent interrupt requests simplifying system and firmware
design. Figure 7-10 shows the structure of the IDMUX
(Interrupt/DMA Multiplexer).
Figure 7-10. Interrupt and DMA Processing in the IDMUX
7.4.1 I/O Port Routing
There are a total of 20 DSI routes to a typical 8-bit I/O port, 16
for data and four for drive strength control.
When an I/O pin is connected to the routing, there are two
primary connections available, an input and an output. In
conjunction with drive strength control, this can implement a
bidirectional I/O pin. A data output signal has the option to be
single synchronized (pipelined) and a data input signal has the
option to be double synchronized. The synchronization clock is
the system clock (see Figure 6-1). Normally all inputs from pins
are synchronized as this is required if the CPU interacts with the
signal or any signal derived from it. Asynchronous inputs have
rare uses. An example of this is a feed through of combinational
PLD logic from input pins to output pins.
Figure 7-11. I/O Pin Synchronization Routing
Figure 7-12. I/O Pin Output Connectivity
There are four more DSI connections to a given I/O port to
implement dynamic output enable control of pins. This
connectivity gives a range of options, from fully ganged 8-bits
controlled by one signal, to up to four individually controlled pins.
The output enable signal is useful for creating tri-state
bidirectional pins and buses.
Figure 7-13. I/O Pin Output Enable Connectivity
UDB ARRAY
Digital System Routing I/F
Digital System Routing I/F
CAN
Interrupt
Controller
I2C
IO Port
Pins
DMA
Controller
IO Port
Pins
Delta-
Sigma
ADC
Comparators
DACS
SC/CT
Blocks
Global
Clocks
EMIF
Global
Clocks
Timer
Counters
SAR
ADC
DMA termout (IRQs)
DMA
Controller
Interrupt
Controller
Fixed Function IRQs
Edge
Detect
Edge
Detect
IRQs
UDB Array
Fixed Function DRQs
DRQs
Interrupt and DMA Processing in IDMUX
0
1
2
3
0
1
2
DO
DI
Port i
PIN 0
DO
PIN1
DO
PIN2
DO
PIN3
DO
PIN4
DO
PIN5
DO
PIN6
DO
PIN7
DO
8 IO Data Output Connections from the
UDB Array Digital System Interface
Port i
PIN 0
OE
PIN1
OE
PIN2
OE
PIN3
OE
PIN4
OE
PIN5
OE
PIN6
OE
PIN7
OE
4 IO Control Signal Connections from
UDB Array Digital System Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com