| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CY8C3268PVC-LP bảng dữ liệu(PDF) 11 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
CY8C3268PVC-LP bảng dữ liệu(HTML) 11 Page - Infineon Technologies AG |
|
11 / 140 page ![]() Document Number: 001-84932 Rev. *N Page 10 of 139 PSoC® 5LP: CY8C58LP Family Datasheet Figure 2-5. Example Schematic for 100-pin TQFP Part with Power Connections Note The two VCCD pins must be connected together with as short a trace as possible. A trace under the device is recommended, as shown in Figure 2-6. For more information on pad layout, refer to http://www.cypress.com/cad-resources/psoc-5lp-cad-libraries. VSSB 10 IND 11 VBOOST 12 VBAT 13 VSSD 14 XRES 15 VCCA 63 VSSA 64 VDDA 65 VSSD 66 SIO, P12[2] 67 SIO, P12[3] 68 P4[0] 69 P4[1] 70 OA2OUT, P0[0] 71 OA0OUT, P0[1] 72 OA0+, SAR1REF, P0[2] 73 OA0-, REF0, P0[3] 74 VDDIO0 75 P5[0] 16 P5[1] 17 P5[2] 18 P5[3] 19 P1[0], SWDIO, TMS 20 P1[1], SWDCK, TCK 21 P1[2] 22 P1[3], SWV, TDO 23 P1[4], TDI 24 P1[5], NTRST 25 P6[7] 9 P2[5] 1 P2[6] 2 P2[7] 3 P12[4], SIO 4 P12[5], SIO 5 P6[4] 6 P6[5] 7 P6[6] 8 OA1OUT, P3[6] 51 OA3OUT, P3[7] 52 SIO, P12[0] 53 SIO, P12[1] 54 KHZXOUT, P15[2] 55 KHZXIN, P15[3] 56 NC 57 NC 58 NC 59 NC 60 NC 61 NC 62 VSSD VDDA VCCA VSSD VSSA VSSA VSSD VSSD VSSD VSSD 0.1 UF C8 VSSD VDDD VDDD VDDD VDDD VDDD VSSD 1 UF C9 0.1 UF C10 0.1 UF C11 0.1 UF C16 0.1 UF C12 0.1 UF C6 0.1 UF C2 1 UF C15 1 UF C1 VSSD VDDD VSSD VDDA VSSD VCCD 1 UF C17 VSSA VDDA |