công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CY8C3667PVC bảng dữ liệu(PDF) 66 Page - Infineon Technologies AG

tên linh kiện CY8C3667PVC
Giải thích chi tiết về linh kiện  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C3667PVC bảng dữ liệu(HTML) 66 Page - Infineon Technologies AG

Back Button CY8C3667PVC Datasheet HTML 62Page - Infineon Technologies AG CY8C3667PVC Datasheet HTML 63Page - Infineon Technologies AG CY8C3667PVC Datasheet HTML 64Page - Infineon Technologies AG CY8C3667PVC Datasheet HTML 65Page - Infineon Technologies AG CY8C3667PVC Datasheet HTML 66Page - Infineon Technologies AG CY8C3667PVC Datasheet HTML 67Page - Infineon Technologies AG CY8C3667PVC Datasheet HTML 68Page - Infineon Technologies AG CY8C3667PVC Datasheet HTML 69Page - Infineon Technologies AG CY8C3667PVC Datasheet HTML 70Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 65 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
9.8 CSP Package Bootloader
A factory-installed bootloader program is included in all devices
with CSP packages. The bootloader is compatible with PSoC
Creator 3.0 bootloadable project files, and has the following
features:
I2C-based
SCLK and SDAT available at P1[6] and P1[7], respectively
External pull-up resistors required
I2C slave, address 4, data rate = 100 kbps
Single application
Wait 2 seconds for bootload command
Other bootloader options are as set by the PSoC Creator 3.0
Bootloader Component default
Occupies the bottom 9 Kbytes of flash
For more information on this bootloader, see the following
Cypress application notes:
AN73854, PSoC 3 and PSoC 5 LP Introduction to Bootloaders
AN60317, PSoC 3 and PSoC 5 LP I2C Bootloader
Note that a PSoC Creator bootloadable project must be
associated with .hex and .elf files for a bootloader project that is
configured for the target device. Bootloader .hex and .elf files
can be found at www.cypress.com/go/PSoC5LPdatasheet.
The factory-installed bootloader can be overwritten using JTAG
or SWD programming.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More