công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TPD2EUSB30ADRTR bảng dữ liệu(PDF) 10 Page - Texas Instruments

tên linh kiện TPD2EUSB30ADRTR
Giải thích chi tiết về linh kiện  TPDxEUSB30 2-, 4-Channel ESD Protection for Super-Speed USB 3.0 Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

TPD2EUSB30ADRTR bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button TPD2EUSB30ADRTR Datasheet HTML 6Page - Texas Instruments TPD2EUSB30ADRTR Datasheet HTML 7Page - Texas Instruments TPD2EUSB30ADRTR Datasheet HTML 8Page - Texas Instruments TPD2EUSB30ADRTR Datasheet HTML 9Page - Texas Instruments TPD2EUSB30ADRTR Datasheet HTML 10Page - Texas Instruments TPD2EUSB30ADRTR Datasheet HTML 11Page - Texas Instruments TPD2EUSB30ADRTR Datasheet HTML 12Page - Texas Instruments TPD2EUSB30ADRTR Datasheet HTML 13Page - Texas Instruments TPD2EUSB30ADRTR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
8.2.2 Detailed Design Procedure
To begin the design process, some parameters must be decided upon; the designer needs to know the following:
• Signal range on all the protected lines
• Operating frequency
8.2.2.1 Signal Range on D+, D- Pins
The TPD2EUSB30 has 2 pins which support 0 to 5.5 V and the TPD2EUSB30A has 2 pins which support 0 to
3.6 V.
8.2.2.2 Operating Frequency
The 0.7 pF (TPD2EUSB30/A typ) line capacitance supports data rates in excess of 5 Gbps.
8.2.3 Application Curves
Figure 8-3. Output Eye Diagram Without
TPD2EUSB30/A (Figure 8-2 Setup, 5 Gbps Data
Rate)
Figure 8-4. Output Eye Diagram With the
TPD2EUSB30/A (Figure 8-2 Setup, 5 Gbps Data
Rate)
Figure 8-5. Output Eye Diagram Without the TPD4EUSB30 (5 Gbps Data Rate)
Figure 8-6. Output Eye Diagram with the TPD4EUSB30 (5 Gbps Data Rate)
TPD2EUSB30, TPD2EUSB30A, TPD4EUSB30
SLVSAC2G – AUGUST 2010 – REVISED JUNE 2021
www.ti.com
10
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TPD2EUSB30 TPD2EUSB30A TPD4EUSB30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com