| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TPD2EUSB30 bảng dữ liệu(PDF) 12 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TPD2EUSB30 bảng dữ liệu(HTML) 12 Page - Texas Instruments |
|
12 / 28 page ![]() 10.2 Layout Examples 1-mm GND D+ D- 1-mm 1-mm GND D+ D- TPD2EUSB30DRTR TX+ TX- GND RX+ RX- VBUS D- D+ GND 8-mm USB 3.0 Host/ Controller TX+ TX- GND RX+ RX- VBUS D- D+ GND USB 3.0 Host/ Controller 8-mm 1-mm 1-mm 1-mm TPD4EUSB30 D1+ D1- GND GND D2+ D2- One TPD4EUSB30 & One TPD2EUSB30 to Protect USB3.0 Class A connec tor (Two Layer Routing) Three TPD2EUSB30 to Protect USB3.0 Class A connector (One Layer Routing) N.C. N.C. N.C. N.C. Figure 10-1. TPDxEUSB30/A at the USB3.0 Class A Connector TPD2EUSB30, TPD2EUSB30A, TPD4EUSB30 SLVSAC2G – AUGUST 2010 – REVISED JUNE 2021 www.ti.com 12 Submit Document Feedback Copyright © 2022 Texas Instruments Incorporated Product Folder Links: TPD2EUSB30 TPD2EUSB30A TPD4EUSB30 |