công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP411 bảng dữ liệu(PDF) 4 Page - Texas Instruments

tên linh kiện TMP411
Giải thích chi tiết về linh kiện  TMP411-Q1 ±1°C and TMP411D-Q1 ±0.8°C Remote and Local Temperature Sensors with N-Factor and Series Resistance Correction
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

TMP411 bảng dữ liệu(HTML) 4 Page - Texas Instruments

  TMP411 Datasheet HTML 1Page - Texas Instruments TMP411 Datasheet HTML 2Page - Texas Instruments TMP411 Datasheet HTML 3Page - Texas Instruments TMP411 Datasheet HTML 4Page - Texas Instruments TMP411 Datasheet HTML 5Page - Texas Instruments TMP411 Datasheet HTML 6Page - Texas Instruments TMP411 Datasheet HTML 7Page - Texas Instruments TMP411 Datasheet HTML 8Page - Texas Instruments TMP411 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
TMP 411D x Q yyy R Q1
Device Name
(TMP411 or TMP411D)
I2C Address (A, B, C or D)
Only Automotive Qualified
TI Package Designator (DGK or DDF)
T&R Packing size
Only Grade-1 Automotive Qualified
Sensor Family
Figure 4-1. TMP411-Q1 and TMP411D-Q1 Device Nomenclature
Table 4-2. TMP411-Q1 and TMP411D-Q1 Device Nomenclature Description
FIELD DESCRIPTION
FIELD DETAIL
Sensor Family
TMP: Temperature Sensors
Device Name
411 or 411D
I2C Address
•
TMP411A-Q1/ TMP411DA-Q1 - 4Ch/ 1001100'b - 85°C default local/remote high temperature limit
•
TMP411B-Q1/ TMP411DB-Q1 - 4Dh/ 1001101'b - 85°C default local/remote high temperature limit
•
TMP411C-Q1/ TMP411DC-Q1 - 4Eh/ 1001110'b - 85°C default local/remote high temperature limit
•
TMP411D-Q1/ TMP411DD-Q1 - 4Ch/ 1001100'b - 110°C default local/remote high temperature limit
Automotive qualified
Applies to only automotive-qualified devices
TI Package Designator
TMP411-Q1:
•
DGK, VSSOP package, 1.1mm (max) height
TMP411D-Q1:
•
DDF, SOT23 package, 1.1mm (max) height
T and R Packing Size
Large T and R, SPQ (TMP411-Q1) = 2,500 units and SPQ (TMP411D-Q1) = 3,000 units
Automotive grade-1 qualified
AEC-Q100 Qualified for automotive applications
Table 4-3. TMP411-Q1 and TMP411D-Q1 devices Device Nomenclature Detail
PRODUCT
OUT
TMP411xQyyyRQ1
x indicates that the device has A, B, C, or D variant. These devices can ship with the legacy chip
(CSO: DM5) or the new chip (CSO: RFB). The reel packaging label provides date code information to
distinguish which chip is being used. Device performance for new and legacy chips is denoted throughout
the document.
yyy indicates that the package type of the device is DGK (VSSOP 8-pin).
TMP411DxQyyyRQ1
x indicates that the device has A, B, C, or D variant. TMP411D-Q1 has only CSO: RFB.
yyy indicates that the package type of the device is DDF (SOT23 8-pin).
TMP411-Q1, TMP411D-Q1
SBOS527G – DECEMBER 2010 – REVISED SEPTEMBER 2025
www.ti.com
4
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMP411-Q1 TMP411D-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com