công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD3530 bảng dữ liệu(PDF) 27 Page - Analog Devices

tên linh kiện AD3530
Giải thích chi tiết về linh kiện  8-Channel, 16-Bit Voltage Output DACs, On-Chip Reference, SPI
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD3530 bảng dữ liệu(HTML) 27 Page - Analog Devices

Back Button AD3530 Datasheet HTML 23Page - Analog Devices AD3530 Datasheet HTML 24Page - Analog Devices AD3530 Datasheet HTML 25Page - Analog Devices AD3530 Datasheet HTML 26Page - Analog Devices AD3530 Datasheet HTML 27Page - Analog Devices AD3530 Datasheet HTML 28Page - Analog Devices AD3530 Datasheet HTML 29Page - Analog Devices AD3530 Datasheet HTML 30Page - Analog Devices AD3530 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 49 page
background image
Data Sheet
AD3530/AD3530R
THEORY OF OPERATION
analog.com
Rev. A | 27 of 49
be accessed in a single data phase before the byte address resets
to the one specified in the instruction phase.
The value of the STREAM_MODE(LOOP_COUNT) register can
be kept or returned to the default value of 0 when the frame
transaction is completed, that is, the CSB is brought high.
The STREAM_MODE register behavior is controlled by TRANS-
FER_CONFIG(KEEP_STREAM_LENTH_VAL).
Figure 70. Looping Enabled with LOOP_COUNT = 2
When using STREAM_MODE, be aware of the DAC update timings
mentioned in DAC Core Functions.
CRC ERROR DETECTION
The AD3530/AD3530R DACs feature optical cyclic redundancy
checks (CRCs) to provide error detection for SPI transactions
between the digital host and the DAC (target). The CRC error
detection is disabled by default. The CRC error detection allows
the SPI host and targets to detect bit transfer errors with significant
reliability. The CRC algorithm involves using a seed value and
polynomial division to generate a CRC code. The controller and
target both calculate the CRC code independently to determine the
validity of transferred data.
This DAC uses the CRC-8 standard with the following polynomial:
x8 +  x2 + x + 1
(6)
CRC error detection is enabled with the CRC_EN and CRC_EN_B
bits in the INTERFACE_CONFIG_C register. The value of CRC_EN
is only updated if CRC_EN_B is set to the CRC_EN inverted value
in the same register write instruction. Therefore, to enable the CRC,
the CRC_EN must therefore be set to 0b01 while CRC_EN_B is set
to 0b10 in the same write transaction.
To disable the CRC, the CRC_EN must be set to 0b00 and the
CRC_EN_B is set to 0b11 in the same write transaction.
Writing inverted values to two separate fields reduces the chances
of CRC being enabled in error. The CSB must be brought high
at the end of the enable/disable write. The first CRC code must
be included after the register write/read data, immediately following
the register write transaction enabling the CRC. A register write
transaction that disables the CRC must still include the CRC code
on SDI, but the following transaction does not require the CRC
code.
Figure 71 and Figure 72 show how a CRC code is appended to the
write or read, respectively, for the digital host or DAC to validate
the data. For register writes, the digital host must generate the CRC
using the calculation described in Equation 6. For register reads,
the host must also send the correct CRC byte that is checked
by the DAC. The first byte of data sent contributes to the CRC
calculation. Therefore, a value of 0x00 is recommended. In the
same read transaction, the DAC provides the CRC code for the
digital host to verify.
When accessing multibyte registers with the CRC error detection
enabled, the CRC code is placed after all bytes of register data.
When the CRC error detection is enabled, the DAC does not up-
date its register contents in response to a register write transaction
unless it receives a valid CRC code at the end of the register data
on the SDI. If the CRC code is invalid, or the digital host fails
to transmit the CRC code, the AD3530/AD3530R do not update
the register contents, and the CRC_ERR flag in the INTERFACE_
STATUS_A register is set. The CRC_ERR flag is write-1-to-clear
(W1C) and the correct CRC is required for the write to clear to take
effect.
Table 14 shows the seed value used in the CRC code calculation
and how it is transmitted for both single instruction mode and
streaming mode. When using single instruction mode, every CRC
code in a SPI frame uses 0xA5 as the seed value to prevent stuck
at fault conditions for Address 0x0000.
When using the streaming mode, the first CRC code in a SPI frame
also uses 0xA5 as the seed value, but subsequent CRC codes
in the same frame are calculated using the LSB of the register
address being accessed in the SPI transaction as the seed value.
Figure 71. SPI Write with CRC Enabled
Figure 72. SPI Read with CRC Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com