công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PICOSMDC012S bảng dữ liệu(PDF) 9 Page - TE Connectivity Ltd

tên linh kiện PICOSMDC012S
Giải thích chi tiết về linh kiện  Surface-mount Devices
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TEC [TE Connectivity Ltd]
Trang chủ  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

PICOSMDC012S bảng dữ liệu(HTML) 9 Page - TE Connectivity Ltd

Back Button PICOSMDC012S Datasheet HTML 5Page - TE Connectivity Ltd PICOSMDC012S Datasheet HTML 6Page - TE Connectivity Ltd PICOSMDC012S Datasheet HTML 7Page - TE Connectivity Ltd PICOSMDC012S Datasheet HTML 8Page - TE Connectivity Ltd PICOSMDC012S Datasheet HTML 9Page - TE Connectivity Ltd PICOSMDC012S Datasheet HTML 10Page - TE Connectivity Ltd PICOSMDC012S Datasheet HTML 11Page - TE Connectivity Ltd PICOSMDC012S Datasheet HTML 12Page - TE Connectivity Ltd PICOSMDC012S Datasheet HTML 13Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
123
RoHS Compliant, ELV Compliant
HF Halogen Free
12
Part Number
A
Min.
Max.
H
Min.
Figure
B
Min.
Max.
C
Min.
Max.
D
Min.
Max.
E
Min.
Max.
F
Min.
Max.
G
Min.
Max.
Table S4 Dimensions for Surface-mount Devices in Millimeters (Inches)
Cont’d
picoSMDC Series
Size 2012 mm/0805 mils
picoSMDC010S
2.00
2.20
0.60
1.00
1.30
1.50
0.25
0.75
0.076
——
—
—
—
—
S2
(0.079) (0.087)
(0.023) (0.040)
(0.051) (0.059)
(0.010) (0.030)
(0.003)
——
—
—
—
—
picoSMDC012S
2.00
2.20
0.44
0.68
1.30
1.50
0.25
0.75
0.076
——
—
—
—
—
S2
(0.079) (0.087)
(0.017) (0.027)
(0.051) (0.059)
(0.010) (0.030)
(0.003)
——
—
—
—
—
picoSMDC020S
2.00
2.20
0.44
0.68
1.30
1.50
0.25
0.75
0.076
——
—
—
—
—
S2
(0.079) (0.087)
(0.017) (0.027)
(0.051) (0.059)
(0.010) (0.030)
(0.003)
——
—
—
—
—
picoSMDC035S
2.00
2.20
0.44
0.68
1.30
1.50
0.25
0.75
0.076
——
—
—
—
—
S2
(0.079) (0.087)
(0.017) (0.027)
(0.051) (0.059)
(0.010) (0.030)
(0.003)
——
—
—
—
—
picoSMDC050S
2.00
2.20
0.63
0.93
1.30
1.50
0.25
0.75
0.076
——
—
—
—
—
S2
(0.079) (0.087)
(0.025) (0.036)
(0.051) (0.059)
(0.010) (0.030)
(0.003)
——
—
—
—
—
picoSMDC075S*
2.00
2.20
0.60
1.00
1.30
1.50
0.25
0.75
0.076
——
—
—
—
—
S2
(0.079) (0.087)
(0.023) (0.040)
(0.051) (0.059)
(0.010) (0.030)
(0.003)
——
—
—
—
—
picoSMDC110S*
2.00
2.20
0.71
1.04
1.30
1.50
0.25
0.75
0.076
——
—
—
—
—
S2
(0.079) (0.087)
(0.028) (0.041)
(0.051) (0.059)
(0.010) (0.030)
(0.003)
——
—
—
—
—
nanoSMDC Series
Size 3216 mm/1206 mils
nanoSMDC012F
3.00
3.40
0.62
1.00
1.37
1.80
0.25
0.75
0.076
——
—
—
—
—
S2
(0.118) (0.134) (0.024) (0.039)
(0.054) (0.071)
(0.010) (0.030)
(0.003)
——
—
—
—
—
nanoSMDC016F
3.00
3.40
0.62
1.00
1.37
1.80
0.25
0.75
0.076
——
—
—
—
—
S2
(0.118) (0.134)
(0.024) (0.039)
(0.054) (0.071)
(0.010) (0.030)
(0.003)
——
—
—
—
—
nanoSMDC020F
3.00
3.40
0.58
0.82
1.37
1.80
0.25
0.75
0.076
——
—
—
—
—
S2
(0.118) (0.134)
(0.023) (0.032)
(0.054) (0.071)
(0.010) (0.030)
(0.003)
——
—
—
—
—
nanoSMDC025F
3.00
3.40
0.58
0.82
1.37
1.80
0.25
0.75
0.076
——
—
—
—
—
S2
(0.118) (0.134)
(0.023) (0.032)
(0.054) (0.071)
(0.010) (0.030)
(0.003)
——
—
—
—
—
nanoSMDC035F
3.00
3.40
0.58
0.82
1.37
1.80
0.25
0.75
0.076
——
—
—
—
—
S2
(0.118) (0.134)
(0.023) (0.032)
(0.054) (0.071)
(0.010) (0.030)
(0.003)
——
—
—
—
—
nanoSMDC050F/13.2 3.00
3.40
0.50
0.74
1.37
1.80
0.25
0.75
0.076
——
—
—
—
—
S2
(0.118) (0.134)
(0.019) (0.029)
(0.054) (0.071)
(0.010) (0.030)
(0.003)
——
—
—
—
—
nanoSMDC075F
3.00
3.40
0.44
0.68
1.37
1.80
0.25
0.75
0.076
——
—
—
—
—
S2
(0.118) (0.134)
(0.017) (0.027)
(0.054) (0.071)
(0.010) (0.030)
(0.003)
——
—
—
—
—
nanoSMDC110F
3.00
3.40
0.28
0.67
1.37
1.80
0.25
0.75
0.076
——
—
—
—
—
S2
(0.118) (0.134)
(0.011) (0.026)
(0.054) (0.071)
(0.010) (0.030)
(0.003)
——
—
—
—
—
nanoSMDC150F
3.00
3.40
0.55
0.89
1.37
1.80
0.25
0.75
0.076
——
—
—
—
—
S2
(0.118) (0.134)
(0.022) (0.035)
(0.054) (0.071)
(0.010) (0.030)
(0.003)
——
—
—
—
—
nanoSMDC200F
3.00
3.40
0.83
1.10
1.37
1.80
0.25
0.75
0.076
——
—
—
—
—
S2
(0.118) (0.134)
(0.033) (0.043)
(0.054) (0.071)
(0.010) (0.030)
(0.003)
——
—
—
—
—
microSMD Series
Size 3225 mm/1210 mils
microSMD005F
3.0
3.43
0.50
0.85
2.35
2.80
0.25
0.75
0.076
——
—
—
—
—
S2
(0.118) (0.135)
(0.019) (0.034)
(0.092) (0.110)
(0.010) (0.030)
(0.003)
——
—
—
—
—
microSMD010F
3.0
3.43
0.50
0.85
2.35
2.80
0.25
0.75
0.076
——
—
—
—
—
S2
(0.118) (0.135)
(0.019) (0.034)
(0.092) (0.110)
(0.010) (0.030)
(0.003)
——
—
—
—
—
microSMD035F
3.0
3.43
0.38
0.62
2.35
2.80
0.25
0.75
0.076
——
—
—
—
—
S2
(0.118) (0.135)
(0.015) (0.025)
(0.092) (0.110)
(0.010) (0.030)
(0.003)
——
—
—
—
—
microSMD050F
3.0
3.43
0.38
0.62
2.35
2.80
0.25
0.75
0.076
——
—
—
—
—
S2
(0.118) (0.135)
(0.015) (0.025)
(0.092) (0.110)
(0.010) (0.030)
(0.003)
——
—
—
—
—
microSMD075F
3.0
3.43
0.38
0.62
2.35
2.80
0.25
0.75
0.076
——
—
—
—
—
S2
(0.118) (0.135)
(0.015) (0.025)
(0.092) (0.110)
(0.010) (0.030)
(0.003)
——
—
—
—
—
microSMD110F
3.0
3.43
0.28
0.48
2.35
2.80
0.25
0.75
0.076
——
—
—
—
—
S2
(0.118) (0.135)
(0.011) (0.019)
(0.092) (0.110)
(0.010) (0.030)
(0.003)
——
—
—
—
—
microSMD150F
3.0
3.43
0.51
1.22
2.35
2.80
0.25
0.75
0.076
——
—
—
—
—
S2
(0.118) (0.135)
(0.020) (0.048)
(0.092) (0.110)
(0.010) (0.030)
(0.003)
——
—
—
—
—
microSMD175F
3.0
3.43
0.40
0.76
2.35
2.80
0.25
0.75
0.076
——
—
—
—
—
S2
(0.118) (0.135)
(0.016) (0.030)
(0.092) (0.110)
(0.010) (0.030)
(0.003)
——
—
—
—
—
microSMD200F
3.0
3.43
0.79
1.17
2.35
2.80
0.25
0.75
0.076
——
—
—
—
—
S2
(0.118) (0.135)
(0.031) (0.046)
(0.092) (0.110)
(0.010) (0.030)
(0.003)
——
—
—
—
—
coming
soon
NEW
NEW
NEW
coming
soon
NEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com